Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH82IDT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSH82IDT
Description  Wide-band rail-to-rail operational amplifiers with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH82IDT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSH82IDT Datasheet HTML 16Page - STMicroelectronics TSH82IDT Datasheet HTML 17Page - STMicroelectronics TSH82IDT Datasheet HTML 18Page - STMicroelectronics TSH82IDT Datasheet HTML 19Page - STMicroelectronics TSH82IDT Datasheet HTML 20Page - STMicroelectronics TSH82IDT Datasheet HTML 21Page - STMicroelectronics TSH82IDT Datasheet HTML 22Page - STMicroelectronics TSH82IDT Datasheet HTML 23Page - STMicroelectronics TSH82IDT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Test conditions
TSH80, TSH82
20/27
DocID009413 Rev 10
Table 6. Video results
Parameter
Value (VCC = ±2.5 V)
Value (VCC = ±5 V)
Unit
Lum NL
0.1
0.3
%
Lum NL Step1
100
100
Lum NL Step2
100
99.9
Lum NL Step3
99.9
99.8
Lum NL Step4
99.9
99.9
Lum NL Step5
99.9
99.7
Diff Gain pos
0
0
Diff Gain neg
-0.7
-0.6
Diff Gain pp
0.7
0.6
Diff Gain Step1
-0.5
-0.3
Diff Gain Step2
-0.7
-0.6
Diff Gain Step3
-0.3
-0.5
Diff Gain Step4
-0.1
-0.3
Diff Gain Step5
-0.4
-0.5
Diff Phase pos
0
0.1
Degree
Diff Phase neg
-0.2
-0.4
Diff Phase pp
0.2
0.5
Diff Phase Step1
-0.2
-0.4
Diff Phase Step2
-0.1
-0.4
Diff Phase Step3
-0.1
-0.3
Diff Phase Step4
0
0.1
Diff Phase Step5
-0.2
-0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com