Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASFC Datasheet(PDF) 15 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 15 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 11Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 12Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 13Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 14Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 15Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 16Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 17Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 18Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 19Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
6.5.2 HS200 System Block Diagram
Figure 6 shows a typical HS200 Host and Device system. The host has a clock generator, which supplies CLK to
the Device. For write operations, clock and data direction are the same, write data can be transferred
synchronous with CLK, regardless of transmission line delay. For read operations, clock and data direction are
opposite; the read data received by Host is delayed by round-trip delay, output delay and latency of Host and
Device. For reads, the Host needs to have an adjustable sampling point to reliably receive the incoming data.
Figure 6: HS200 Host and Device block diagram
The HS400 mode has the following features:
DDR Data sampling method
CLK frequency up to 200MHz, Data rate is – up to 400MB/s
Only 8-bit bus width supported
Signaling levels of 1.8V
Support up to 5 selective Drive Strength
Data strobe signal is toggled only for Data out and CRC response
Figure 7 shows a typical HS400 Host and Device system. The host has a clock generator, which supplies CLK to
the Device. For read operations, Data Strobe is generated by device output circuit. Host receives the data
which is aligned to the edge of Data Strobe.
Figure 7: HS400 Host and Device block diagram
Confidential
-15
/42-
Rev.1.0 July 2023
6.5.3 HS400 Bus Speed mode
6.5.4 HS400 System Block Diagram
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com