Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASFC Datasheet(PDF) 41 Page - Alliance Semiconductor Corporation

Part # ASFC
Description  Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASFC Datasheet(HTML) 41 Page - Alliance Semiconductor Corporation

Back Button ASFC Datasheet HTML 34Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 35Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 36Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 37Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 38Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 39Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 40Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 41Page - Alliance Semiconductor Corporation ASFC Datasheet HTML 42Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Register Name
Bytes
Byte
Width
Description
typ. Value
INI_TIMEOUT_EMU
60
1
1st initialization after disabling sector
size emulation
0x0A
CLASS_6_CTRL
59
1
Class 6 commands control
0x00
DYNCAP_NEEDED
58
1
Number of addressed group
to be Released
0x00
EXCEPTION_EVENTS_CTRL
57:56
2
Exception events control
0x0000
EXCEPTION_EVENTS_STATUS
55:54
2
Exception events status
0x0000
EXT_PARTITIONS_ATTRIBUTE
53:52
2
Extended Partitions Attribute
0x0000
CONTEXT_CONF
51:37
15
Context configuration
all 0x00
PACKED_COMMAND_STATUS
36
1
Packed command status
0x00
PACKED_FAILURE_INDEX
35
1
Packed command failure index
0x00
POWER_OFF_NOTIFICATION
34
1
Power Off Notification
0x00
CACHE_CTRL
33
1
Control to turn the Cache ON/OFF
0x00
FLUSH_CACHE
32
1
Flushing of the cache
0x00
BARRIER_CTRL
31
1
Control to turn the Barrier ON/OFF
0x00
MODE_CONFIG
30
1
Mode config
0x00
MODE_OPERATION_CODES
29
1
Mode operation codes
0x00
Reserved
28:27
2
Reserved
FFU_STATUS
26
1
FFU status
0x00
PRE_LOADING_DATA_SIZE
25:22
4
Per loading data size
0x00000000
MAX_PRE_LOADING_DATA_
SIZE
21:18
4
Max pre loading data size
0x01334000 (32GB)
0x02668000 (64GB)
0x04DA8000 (128GB)
PRODUCT_STATE_AWARE
N ESS_ENABLEMENT
17
1
Product state
awareness enablement
0x01
SECURE_REMOVAL_TYPE
16
1
Secure removal type
0x3B
CMDQ_MODE_EN
15
1
Command Queue Mode Enable
0x00
Reserved
14:0
15
Reserved
Note 1: Reserved bits should read as “0.”
Note 2: Obsolete values should be don’t care.
9.5 RCA Register
The writable 16-bit Relative Device Address (RCA) register carries the Device address assigned by the host
during the Device identification. This address is used for the addressed host-Device communication after the
Device identification procedure. The default value of the RCA register is 0x0001. The value 0x0000 is reserved
to set all Devices into the
Stand-by State with CMD7.
Confidential
-41
/42-
Rev.1.0 July 2023
32GB/64GB/128GB eMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com