| Electronic Components Datasheet Search |
|
ASFC Datasheet(PDF) 16 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASFC Datasheet(HTML) 16 Page - Alliance Semiconductor Corporation |
|
16 / 42 page ![]() 7. eMMC Functional Description 7.1 eMMC Overview All communication between host and device are controlled by the host (master). The host sends a command, which results in a device response. For more details, refer to section 6.1 of the JEDEC Standard JESD84-B51. Five operation modes are defined for the eMMC system: Boot operation mode Device identification mode Interrupt mode Data transfer mode Inactive mode 7.2 Boot Operation Mode In boot operation mode, the master (eMMC host) can read boot data from the slave (eMMC device) by keeping CMD line low or sending CMD0 with argument + 0xFFFFFFFA, before issuing CMD1. The data can be read from either boot area or user area depending on register setting. For more details, refer to section 6.3 of the JEDEC Standard JESD84-B51. 7.3 Device Identification Mode While in device identification mode the host resets the device, validates operation voltage range and access mode, identifies the device and assigns a Relative device Address (RCA) to the device on the bus. All data communication in the Device Identification Mode uses the command line (CMD) only. For more details, refer to section 6.4 of the JEDEC Standard JESD84-B51. 7.4 Interrupt Mode The interrupt mode on the eMMC system enables the master (eMMC host) to grant the transmission allowance to the slaves (Device) simultaneously. This mode reduces the polling load for the host and hence, the power consumption of the system, while maintaining adequate responsiveness of the host to a Device request for service. Supporting eMMC interrupt mode is an option, both for the host and the Device. For more details, refer to section 6.5 of the JEDEC Standard JESD84-B51. 7.5 Data Transfer Mode When the Device is in Stand-by State, communication over the CMD and DAT lines will be performed in push- pull mode. For more details, refer to section 6.6 of the JEDEC Standard JESD84-B51. 7.6 Inactive Mode The device will enter inactive mode if either the device operating voltage range or access mode is not valid. The device can also enter inactive mode with GO_INACTIVE_STATE command (CMD15). The device will reset to Pre-idle state with power cycle. For more details, refer to section 6.1 of the JEDEC Standard JESD84-B51. Confidential -16 /42- Rev.1.0 July 2023 32GB/64GB/128GB eMMC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |