Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTP151 Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # CTP151
Description  CTP SERIES CIRCUIT TO PACKET PLATFORMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

CTP151 Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  CTP151 Datasheet HTML 1Page - Juniper Networks, Inc. CTP151 Datasheet HTML 2Page - Juniper Networks, Inc. CTP151 Datasheet HTML 3Page - Juniper Networks, Inc. CTP151 Datasheet HTML 4Page - Juniper Networks, Inc. CTP151 Datasheet HTML 5Page - Juniper Networks, Inc. CTP151 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Feature
Feature Description
Benefit
Packet protector
Redundant packets are created and transmitted to the IP network and then processed
by the receiving CTP Series.
Circuit quality and reliability are increased when IP connections experience
significant packet loss caused by bit errors.
Autobaud
The input timing leads are monitored, and the circuit rate is automatically changed at
both ends of the network if a rate change is detected.
Flexible rate agility enables immediate and automatic provisioning changes.
Loops and BERTs
Each CTP Series port supports interface and network loops and the ability to generate
and monitor a bit error rate test with up to nine BERT patterns selectable.
Support for standard circuit troubleshooting tools that are built into the CTP
Series help to quickly isolate network, circuit or cable problems.
Layer 2 Serial-to-
Ethernet IP
aggregation
The CTP Series Circuit to Packet Platforms can aggregate layer 2 traffic from serial
interfaces onto a Fast Ethernet or Gigabit Ethernet interface. Layer 2 protocols
supported are Frame Relay, PPP and Cisco-HDLC. Each CTP Series port is connected
to a different VLAN.
The ability to aggregate layer 2 traffic on the CTP Series from multiple serial
interfaces reduces the router interfaces needed for low-speed IP aggregation.
Port mirroring
The CTP Series is able to port-mirror any transmit or any receive up to 10 local or
remote destinations.
Port mirroring minimizes the bandwidth required to send the same traffic to
multiple sites across the network. It enables easy monitoring for
troubleshooting circuit problems. Port mirroring enables the replication of data
to multiple local or geographically dispersed locations.
Analog voice—
4WE&M
The CTP Series supports analog 4WE&M type I, II,and V interfaces with software
selectable transmit and receive-level adjustments per interface.
The ability to support analog 4WE&M interfaces allows the CTP Series Circuit
to Packet Platforms to offer another PBX trunking option. The 4WE&M
interface can also be used for radio interfaces with push-to-talk requirements.
Analog voice—2WFXS The CTP Series supports analog 2WFXS loop start, ground start, and PLAR modes
with software selectable transmit and receive-level adjustments per interface.
The ability to support analog 2WFXS interfaces allows the CTP Series Circuit to
Packet Platforms to offer 2-wire voice extensions over IP for remote phones,
remote central office or PBX equipment.
Analog voice—
2WFXO
The CTP Series support analog 2WFXO loop start and ground start modes with
software selectable transmit and receive-level adjustments per interface.
The ability to support analog 2WFXO interfaces allows the CTP Series Circuit
to Packet Platforms to offer 2-wire voice extensions over IP to remote phones,
or remote central office or PBX equipment.
IRIG-B
The CTP Series supports an inter-range instrumentation group time code (IRIG-B)
signal to be transported through an IP network. IRIG-B encodes day of year, hour,
minute, and second data on a 1-KHz carrier frequency, with an update rate of once
per second.
Provides the ability to support IRIG-B transport over the IP network with
options to configure direction, output high and low levels, and data range per
interface.
Product Options
Option
Option Description
Applicable Products
T1/E1 interface module
8-port T1 and E1 interface module with standard RJ48 interfaces. IETF PWE3 RFCs for SAToP and CESoPSN are
supported.
CTP2008, CTP2024, CTP2056,
and CTP151/CTP150 (4-port only)
Serial interface module
8-port serial interface module is provided. Per-port software selectable interfaces, data rates, clocking, etc. are
available. Interface support for EIA232, V.24, EIA530, EIA449, V.35, and
X.21 is provided.
CTP2008, CTP2024, CTP2056,
and CTP151/CTP150 (4-port only)
Serial with Multiservice
interface option
Provides additional software configurable single channel 4-wire trunk-only interface option, IRIG-B option or high-
quality analog option on the serial interface module.
CTP2008, CTP2024, CTP2056, and
CTP151/CTP150 (4-port
serial and 2-port MS support only)
4WE&M analog module
8-port 4WE&M front module and rear transition module support type I, II and V signaling options. The interface is a
standard RJ21 amphenol connector.
CTP2024, CTP2056
2WFXS analog module
24-port 2WFXS front module and rear transition module support loop start, ground start and PLAR modes. The
interface is a standard RJ21 amphenol connector.
CTP2024, CTP2056
2WFXO analog module
12-port 2WFXO front module and rear transition module support loop start and ground start modes. The interface
is a standard RJ21 amphenol connector.
CTP2024, CTP2056
CTP clock main and spoke
modules
The CTP Series clock main and spoke modules are required when the 8-port serial module and analog voice
modules are installed into one CTP Series device.
CTP2024, CTP2056
Gigabit Ethernet SFP fiber
options
SFP options include 1000BASE-T, 1000BASE-SX and 1000BASE-LX.
CTP2008, CTP2024, CTP2056
Y-cable
A cable connects one DTE to two DCE CTP Series serial ports to provide 1:1 hardware redundancy. This is only
supported on serial interfaces. This option is not available on T1 or E1 interfaces.
CTP2008, CTP2024, CTP2056,
CTP151, CTP150
AC power
Internal AC power supply is provided.
CTP2008, CTP2024, CTP2056,
CTP151, CTP150
DC power
Internal DC power supply is provided.
CTP2008, CTP2024, CTP2056
Redundant power
Provides for dual redundancy power supplies.
CTP2024, CTP2056
CTP Series Circuit to Packet Platforms Datasheet
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com