Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTP151 Datasheet(PDF) 4 Page - Juniper Networks, Inc.

Part # CTP151
Description  CTP SERIES CIRCUIT TO PACKET PLATFORMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

CTP151 Datasheet(HTML) 4 Page - Juniper Networks, Inc.

  CTP151 Datasheet HTML 1Page - Juniper Networks, Inc. CTP151 Datasheet HTML 2Page - Juniper Networks, Inc. CTP151 Datasheet HTML 3Page - Juniper Networks, Inc. CTP151 Datasheet HTML 4Page - Juniper Networks, Inc. CTP151 Datasheet HTML 5Page - Juniper Networks, Inc. CTP151 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications
CTP151
CTP2008
CTP2024
CTP2056
Dimensions and Power
Dimensions (W x H x D)
17.36 x 1.73 x 12 in
(44.1 x 4.4 x 30.5 cm)
17.25 x 1.75 x 11.75 in
(43.8 x 4.5 x 29.8 cm)
17.25 x 3.5 x 11.75 in
(43.8 x 8.9 x 29.8 cm)
17.25 x 7.0 x 11.75 in
(43.8 x 17.8 x 29.8 cm)
Weight (lb)
9.92
12
20
27
Mounting
Front Rack
Front Rack
Front Rack
Front Rack
Input voltage (AC)
100-240 VAC
100-240 VAC
100-240 VAC
100-240 VAC
Input voltage (DC)
N/A
40-72 VDC
40-72 VDC
40-72 VDC
Power supply
150W
250 W
250 W x 2
250 W x 2
Input current
0.47 A at 110 VAC
2 A at 110 VAC
2 A at 110 VAC
2.5 A at 110 VAC
Operating temperature
32° to 104° F
(0° to 40° C)
32° to 104° F
(0° to 40° C)
32° to 104° F
(0° to 40° C)
32° to 104° F
(0° to 40° C)
Humidity noncondensing
5 to 90%
5 to 90%
5 to 90%
5 to 90%
Serial Interfaces
Interfaces
EIA-530, RS-232/V.28, RS- 422/V.11,
RS-423/V.10, X.21, V.35, T1, E1
Yes
Yes
Yes
Yes
IRIG-B
Yes
Yes
Yes
Yes
Encoding NRZ, Conditioned Diphase,
Isochronous, Asynchronous,
AMI, B8ZS, HDB3, TDM/TDC, Transparent
Yes
Yes
Yes
Yes
Interface quantity
8
8
24
56
Rates
50 bps–12.880 Mbps
50 bps–12.880 Mbps
50 bps–12.880 Mbps
50 bps–12.880 Mbps
CTP Series Circuit to Packet Platforms Datasheet
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com