Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTP151 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # CTP151
Description  CTP SERIES CIRCUIT TO PACKET PLATFORMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

CTP151 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  CTP151 Datasheet HTML 1Page - Juniper Networks, Inc. CTP151 Datasheet HTML 2Page - Juniper Networks, Inc. CTP151 Datasheet HTML 3Page - Juniper Networks, Inc. CTP151 Datasheet HTML 4Page - Juniper Networks, Inc. CTP151 Datasheet HTML 5Page - Juniper Networks, Inc. CTP151 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CTP SERIES CIRCUIT TO PACKET
PLATFORMS DATASHEET
Product Description
With the ongoing deployment of IP networks, the efficiency and cost-savings gains of IP
are being realized for a variety of applications and functions. Largely left out of this
evolution have been the circuit-based applications such as time- division multiplexing
(TDM) leased line and voice private branch exchange (PBX) connections, serial encryption
connections, and analog and digital radio systems networking, because their synchronous
transport requirements are not addressed by a packet-based network. The Juniper
Networks® CTP Series Circuit to Packet Platforms enable customers to connect these
circuit-based applications easily and reliably across the IP network, bringing them the
advantages of converged multiservice IP networking.
The CTP Series includes the Juniper Networks CTP151, CTP2008, CTP2024, CTP2056
Circuit to Packet Platforms, and the Juniper Networks CTPView Network Management
System. The products are designed for government agencies, enterprises and service
providers running circuit-based applications and range in size, port capacity and
redundancy options.
Product Features
CTP151
The CTP151 Circuit to Packet Platform supports 4 to 8 interfaces of circuit emulation traffic in a 1 U rack-
mountable chassis. It provides T1/E1 and serial interface options in a powerful future-proofed chassis. The
CTP151 is a functional replacement for the legacy CTP150, which is still widely deployed.
CTP2008 The CTP2008 Circuit to Packet Platform is a 1 U rack-mountable chassis that supports up to 8 circuit emulation
interfaces. The interface modules are software configurable and are the same across the CTP2000 line.
CTP2024 The CTP2024 Circuit to Packet Platform is a 2 U rack-mountable chassis that supports up to 24 circuit emulation
interfaces. The chassis includes the option for redundant power.
CTP2056 The CTP2056 Circuit to Packet Platform is a 4 U rack-mountable chassis that supports up to 56 circuit emulation
interfaces. The chassis includes the option for redundant power.
CTPView The CTPView Network Management System provides network operators with the tools necessary to monitor
network availability, report on IP networks performance, provision circuits, and troubleshoot circuit issues through
a web-based GUI.
Datasheet
1
Product Overview
CTP Series Circuit to Packet
Platforms provide the advanced
technology and features
required to reliably transport
time- division multiplexing and
other circuit-based applications
across next-generation IP/MPLS
networks. The CTP Series has
the field-proven flexibility,
performance and reliability
required for circuit applications.
The CTP Series enables
customers to:
— connect digital and analog
voice applications easily and
reliably
— realize the advantages of
converged multiservice IP
networking without the
complexities and cost of
upgrades required for VoIP
— bridge the legacy and IP world


Similar Part No. - CTP151

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CTP15B YAGEO-CTP15B Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
CTP15C YAGEO-CTP15C Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
CTP15E YAGEO-CTP15E Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
More results

Similar Description - CTP151

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
TDM to Packet Processors
logo
List of Unclassifed Man...
CTP-SMA-712M ETC-CTP-SMA-712M Datasheet
43Kb / 1P
CTP-SMA-712M
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
PACKET
logo
Visual Communications C...
LMC VCC-LMC Datasheet
160Kb / 1P
CTP
logo
Marl International Limi...
LMC MARL-LMC Datasheet
160Kb / 1P
LMC XXX CTP
LMC MARL-LMC_15 Datasheet
160Kb / 1P
LMC XXX CTP
logo
Pericom Semiconductor C...
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
Packet Switch
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
Packet Switch
logo
VIA Technologies, Inc.
VAB-820 VIA-VAB-820 Datasheet
750Kb / 2P
Edge Computing Platforms
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com