Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS9217 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 5 Page - Texas Instruments

  ADS9217 Datasheet HTML 1Page - Texas Instruments ADS9217 Datasheet HTML 2Page - Texas Instruments ADS9217 Datasheet HTML 3Page - Texas Instruments ADS9217 Datasheet HTML 4Page - Texas Instruments ADS9217 Datasheet HTML 5Page - Texas Instruments ADS9217 Datasheet HTML 6Page - Texas Instruments ADS9217 Datasheet HTML 7Page - Texas Instruments ADS9217 Datasheet HTML 8Page - Texas Instruments ADS9217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DOUTM
27
O
Negative differential data output. Connect a 100Ω resistor between DOUTP and
DOUTM close to the receiver.
DOUTP
28
O
Positive differential data output. Connect a 100Ω resistor between DOUTP and
DOUTM close to the receiver.
FCLKM
29
O
Negative differential data frame clock output. Connect a 100Ω resistor between
FCLKP and FCLKM close to the receiver.
FCLKP
30
O
Positive differential data frame clock output. Connect a 100Ω resistor between
FCLKP and FCLKM close to the receiver.
GND
2, 7, 8, 9, 11, 12,
15, 34, 38
P
Ground.
NC
25, 26
–
No external connection. Leave floating.
PWDN
22
I
Power-down control; active low. Connect to VDD_1V8 if unused.
REFIO
39
I/O
Internal reference voltage output. External reference voltage input. Connect a 10μF
decoupling capacitor to REFM.
REFM
6, 40
P
Reference ground. Connect to GND.
RESET
21
I
Reset input; active low. Connect to VDD_1V8 if unused.
SCLK
18
I
Serial clock input for the interface configuration.
SDI/EXTREF
19
I
SDI is a multifunction logic input; pin function is determined by the SPI_EN pin. SDI
has an internal 100kΩ pulldown resistor to GND. SPI_EN = 0b: SDI is the logic
input to select between the internal or external reference. Connect SDI to GND for
the external reference. Connect SDI to IOVDD for the internal reference. SPI_EN =
1b: Serial data input for the interface configuration.
SDO
20
O
Serial data output for the configuration interface.
SMPL_CLKM
31
I
ADC sampling clock input. Negative differential input for the LVDS sampling clock.
Connect this pin to GND for the CMOS sampling clock.
SMPL_CLKP
32
I
ADC sampling clock input. Positive differential input for the LVDS sampling clock.
Clock input for the CMOS sampling clock.
SMPL_SYNC
33
I
Synchronization input for internal averaging filter.
Connect to GND if unused. See the Synchronizing Multiple ADCs section on how
to use the SMPL_SYNC pin.
SPI_EN
16
I
Control to enable the SPI configuration; active high.
Connect a pullup resistor to VDD_1V8 to keep the configuration interface enabled.
Connect to GND if the SPI configuration is unused.
Thermal Pad
—
P
Exposed thermal pad. Connect to GND.
VCMOUT
5
O
Common-mode voltage output. Use VCMOUT to set the common-mode voltage at
the ADC inputs. Connect a 1μF decoupling capacitor to GND.
VDD_1V8
13, 14, 35, 36, 37
P
1.8V power-supply. Connect 1μF and 0.1μF decoupling capacitors to GND.
(1)
I = input, O = output, I/O = input or output, G = ground, P = power.
www.ti.com
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com