Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS9217 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 1 Page - Texas Instruments

  ADS9217 Datasheet HTML 1Page - Texas Instruments ADS9217 Datasheet HTML 2Page - Texas Instruments ADS9217 Datasheet HTML 3Page - Texas Instruments ADS9217 Datasheet HTML 4Page - Texas Instruments ADS9217 Datasheet HTML 5Page - Texas Instruments ADS9217 Datasheet HTML 6Page - Texas Instruments ADS9217 Datasheet HTML 7Page - Texas Instruments ADS9217 Datasheet HTML 8Page - Texas Instruments ADS9217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
1 Features
• High-speed and low-power:
– ADS9119: 20MSPS, 274mW
– ADS9118: 10MSPS, 83mW
– ADS9117: 5MSPS, 59mW
• Feature integration:
– Integrated ADC driver
– Integrated precision reference
– Common-mode voltage output buffer
• High performance:
– 18-bit no missing codes
– INL: ±0.8LSB, DNL: ±0.4LSB
– SNR: 95.5dB
• Wide input bandwidth:
– ADS9119 and ADS9118: 90MHz (–3dB)
– ADS9117: 45MHz (–3dB)
• Serial LVDS interface:
– SDR and DDR output modes
– Synchronous clock and data output
• Extended operating range: –40°C to +125°C
2 Applications
• Power analyzers
• Source measurement units (SMU)
• Marine equipment
• Servo drive position feedback
• DC power supplies, AC sources, electronic loads
3 Description
The ADS911x is a family of 18-bit, high-speed,
analog-to-digital converters (ADCs) with an integrated
driver for the ADC inputs. The integrated ADC
driver simplifies the signal chain, reduces power
consumption for precision applications, and supports
high-frequency signals beyond 1MHz. By not requiring
an external decoupling capacitor, the integrated ADC
reference buffer is optimized for wide bandwidth
applications.
The ADS911x uses a serial LVDS (SLVDS)
data interface that enables high-speed digital
communication while minimizing digital switching
noise. Read the dual-channel ADC data using
separate SLVDS outputs per ADC channel or one
SLVDS output for both ADC channels.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
ADS9119, ADS9118,
ADS9117
RHA (VQFN, 40)
6mm × 6mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SAR
ADC
SMPL_CLK
REFIO
AINP
AINM
VCMOUT
DOUT
DCLK
VDD_1V8
AVDD_5V
SCLK
SDI
SDO
Configuration Registers
Serial
LVDS
Data
Interface
FCLK
GND
4.096V
CS
NCO
Temperature
Sensor
Mixer
N
2.4V
Device Block Diagram
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS9217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9217 TI1-ADS9217 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
ADS9217 TI1-ADS9217 Datasheet
2Mb / 74P
ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
REVISED MAY 2024
ADS9217 TI1-ADS9217 Datasheet
2Mb / 76P
ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
MAY 2024
ADS9217 TI1-ADS9217 Datasheet
2Mb / 72P
ADS922x Dual, Simultaneous-Sampling, 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver
MARCH 2025
ADS9217 TI2-ADS9217 Datasheet
2Mb / 75P
ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
REVISED APRIL 2025
More results

Similar Description - ADS9217

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902 Datasheet
914Kb / 29P
Fully Differential SAR ADC
Rev 0; 9/14
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com