Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS9217 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 5Page - Texas Instruments ADS9217 Datasheet HTML 6Page - Texas Instruments ADS9217 Datasheet HTML 7Page - Texas Instruments ADS9217 Datasheet HTML 8Page - Texas Instruments ADS9217 Datasheet HTML 9Page - Texas Instruments ADS9217 Datasheet HTML 10Page - Texas Instruments ADS9217 Datasheet HTML 11Page - Texas Instruments ADS9217 Datasheet HTML 12Page - Texas Instruments ADS9217 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
6.5 Electrical Characteristics (continued)
at AVDD_5V = 4.75V to 5.25V, VDD_1V8 = 1.75V to 1.85V, internal VREF = 4.096V, and maximum throughput (unless
otherwise noted); minimum and maximum values at TA = –40°C to +125°C; typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS RECEIVER (SMPL_CLK)
VTH
High-level input voltage (P – M)
AC coupled
100
mV
DC coupled
300
VTL
Low-level input voltage (P – M)
AC coupled
–100
mV
DC coupled
–300
VICM
Input common-mode voltage
0.5
1.2
1.4
V
LVDS OUTPUT (CLKOUT, DOUTA, and DOUTB)
VODIFF
Differential output voltage
RL = 100Ω
200
350
500
mV
VOCM
Output common-mode voltage
RL = 100Ω
0.88
1.1
1.32
V
CMOS INPUTS (CS, SCLK, and SDI)
VIL
Input low logic level
–0.1
0.5
V
VIH
Input high logic level
1.3
VDD_1V8
V
CMOS OUTPUT (SDO)
VOL
Output low logic level
IOL = 200µA sink
0
0.4
V
VOH
Output high logic level
IOH = 200µA source
1.4
VDD_1V8
V
POWER SUPPLY
IAVDD_5V Supply current from AVDD_5V
At 20MSPS throughput (ADS9119)
31
34
mA
At 10MSPS throughput (ADS9118)
17
21
At 5MSPS throughput (ADS9117)
10
13
Power-down
2
IVDD_1V8 Supply current from VDD_1V8
At 20MSPS throughput (ADS9119)
66
69
mA
At 10MSPS throughput (ADS9118)
45
47
At 5MSPS throughput (ADS9117)
37.5
41
Power-down
2
(1)
These specifications include full temperature range variation but not the error contribution from internal reference.
(2)
Does not include the variation in voltage resulting from solder shift effects.
www.ti.com
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com