Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498L Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7498L
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7498L Datasheet HTML 1Page - STMicroelectronics TDA7498L Datasheet HTML 2Page - STMicroelectronics TDA7498L Datasheet HTML 3Page - STMicroelectronics TDA7498L Datasheet HTML 4Page - STMicroelectronics TDA7498L Datasheet HTML 5Page - STMicroelectronics TDA7498L Datasheet HTML 6Page - STMicroelectronics TDA7498L Datasheet HTML 7Page - STMicroelectronics TDA7498L Datasheet HTML 8Page - STMicroelectronics TDA7498L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
3
Electrical specifications
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC_MAX
DC supply voltage for pins PVCCA, PVCCB, SVCC
45
V
VL_MAX
Voltage limits for input pins STBY, MUTE, INNA, INPA, INNB, INPB,
GAIN0, GAIN1
-0.3 to 3.6
V
Tj_MAX
Operating junction temperature
0 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Note:
warning: stresses beyond those listed under “Absolute maximum ratings” make cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended operating condition” are not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability. In the real application, the power
supply with the nominal value rated in the recommended operating conditions may rise beyond the maximum
operating condition for a short time when no or very low current is sunk (amplifier in mute state). In this case the
reliability of the device is guaranteed, provided that the absolute maximum rating is not exceeded.
3.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Rth j-case
Thermal resistance, junction to case
-
2
3
°C/W
3.3
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage for pins PVCCA, PVCCB
14
-
36
V
Tamb
Ambient operating temperature
-20
-
85
°C
TDA7498L
Electrical specifications
DS6539 - Rev 6
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com