Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498L Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7498L
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7498L Datasheet HTML 15Page - STMicroelectronics TDA7498L Datasheet HTML 16Page - STMicroelectronics TDA7498L Datasheet HTML 17Page - STMicroelectronics TDA7498L Datasheet HTML 18Page - STMicroelectronics TDA7498L Datasheet HTML 19Page - STMicroelectronics TDA7498L Datasheet HTML 20Page - STMicroelectronics TDA7498L Datasheet HTML 21Page - STMicroelectronics TDA7498L Datasheet HTML 22Page - STMicroelectronics TDA7498L Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Contents
1
Device block diagram ..............................................................2
2
Pin description ....................................................................3
2.1
Pinout ........................................................................ 3
2.2
Pin list ........................................................................ 4
3
Electrical specifications ...........................................................5
3.1
Absolute maximum ratings....................................................... 5
3.2
Thermal data .................................................................. 5
3.3
Recommended operating conditions .............................................. 5
3.4
Electrical specifications ......................................................... 6
4
Characterization curves............................................................8
4.1
PCB layout .................................................................... 8
4.2
Characterization curves ......................................................... 8
4.2.1
For RL = 6 Ω ............................................................ 9
4.2.2
For RL = 8 Ω ........................................................... 11
5
Application information ...........................................................13
5.1
Application circuit ............................................................. 13
5.2
Mode selection ............................................................... 13
5.3
Gain setting .................................................................. 14
5.4
Input resistance and capacitance ................................................ 15
5.5
Internal and external clocks ..................................................... 15
5.5.1
Master mode (internal clock) ............................................... 15
5.5.2
Slave mode (external clock) ............................................... 16
5.6
Output low-pass filter .......................................................... 16
5.7
Protection functions ........................................................... 17
5.8
Diagnostic output.............................................................. 17
6
Package information..............................................................19
6.1
PowerSSO-36 EPU package information.......................................... 19
Revision history .......................................................................21
TDA7498L
Contents
DS6539 - Rev 6
page 22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com