Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498L Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7498L
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7498L Datasheet HTML 13Page - STMicroelectronics TDA7498L Datasheet HTML 14Page - STMicroelectronics TDA7498L Datasheet HTML 15Page - STMicroelectronics TDA7498L Datasheet HTML 16Page - STMicroelectronics TDA7498L Datasheet HTML 17Page - STMicroelectronics TDA7498L Datasheet HTML 18Page - STMicroelectronics TDA7498L Datasheet HTML 19Page - STMicroelectronics TDA7498L Datasheet HTML 20Page - STMicroelectronics TDA7498L Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Figure 26. Typical LC filter for a 6 Ω speaker
5.7
Protection functions
The TDA7498L is fully protected against overvoltages, undervoltages, overcurrents and thermal overloads as
explained here.
Overvoltage protection (OVP)
If the supply voltage exceeds the value for VOVP given in Table 5. Electrical characteristics , the overvoltage
protection is activated which forces the outputs to the high-impedance state. When the supply voltage falls back
to within the operating range, the device restarts.
Undervoltage protection (UVP)
If the supply voltage drops below the value for VUVP given in Table 5. Electrical characteristics , the undervoltage
protection is activated which forces the outputs to the high-impedance state. When the supply voltage falls back
to within the operating range, the device restarts.
Overcurrent protection (OCP)
If the output current exceeds the value for IOCP given in Table 5. Electrical characteristics , the overcurrent
protection is activated which forces the outputs to the high-impedance state. Periodically, the device attempts to
restart. If the overcurrent condition is still present then the OCP remains active. The restart time, TOC, is
determined by the RC components connected to pin STBY.
Thermal protection (OTP)
If the junction temperature, Tj, reaches 145 °C (nominally), the device goes to mute mode and the positive and
negative PWM outputs are forced to 50% duty cycle. If the junction temperature reaches the value for Tj given in
Table 5. Electrical characteristics , the device shuts down and the output is forced to the high-impedance state.
When the device cools sufficiently, the device restarts.
5.8
Diagnostic output
The output pin DIAG is an open drain transistor. When any protection is activated it switches to the high-
impedance state. The pin can be connected to a power supply (< 36 V) by a pull-up resistor whose value is limited
by the maximum sinking current (200 µA) of the pin.
TDA7498L
Protection functions
DS6539 - Rev 6
page 17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com