Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1301DWVR Datasheet(PDF) 14 Page - Texas Instruments

Part # AMC1301DWVR
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301DWVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC1301DWVR Datasheet HTML 10Page - Texas Instruments AMC1301DWVR Datasheet HTML 11Page - Texas Instruments AMC1301DWVR Datasheet HTML 12Page - Texas Instruments AMC1301DWVR Datasheet HTML 13Page - Texas Instruments AMC1301DWVR Datasheet HTML 14Page - Texas Instruments AMC1301DWVR Datasheet HTML 15Page - Texas Instruments AMC1301DWVR Datasheet HTML 16Page - Texas Instruments AMC1301DWVR Datasheet HTML 17Page - Texas Instruments AMC1301DWVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
6.13 Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V, INP = –250 mV to 250 mV, INN = 0 V, and fIN = 10 kHz (unless otherwise noted)
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-41
-39
-37
-35
-33
-31
-29
-27
-25
-23
D014
–55°C ≤ TA < 40°C valid for the AMC1301S only
Figure 6-17. Input Bias Current vs Temperature
Input Signal Frequency (kHz)
0.01
0.1
1
10
100
1000
-80
-70
-60
-50
-40
-30
-20
-10
0
D015
Figure 6-18. Normalized Gain vs Input Frequency
EG (%)
0
10
20
30
40
50
D016
VDD1 = 3.3 V
Figure 6-19. Gain Error Histogram
EG (%)
0
10
20
30
40
50
D017
VDD1 = 5 V
Figure 6-20. Gain Error Histogram
VDDx (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
D018
vs VDD1
vs VDD2
Figure 6-21. Gain Error vs Supply Voltage
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
D019
Device 1
Device 2
Device 3
–55°C ≤ TA < 40°C valid for the AMC1301S only
Figure 6-22. Gain Error vs Temperature
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com