Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1301DWVR Datasheet(PDF) 25 Page - Texas Instruments

Part # AMC1301DWVR
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301DWVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC1301DWVR Datasheet HTML 21Page - Texas Instruments AMC1301DWVR Datasheet HTML 22Page - Texas Instruments AMC1301DWVR Datasheet HTML 23Page - Texas Instruments AMC1301DWVR Datasheet HTML 24Page - Texas Instruments AMC1301DWVR Datasheet HTML 25Page - Texas Instruments AMC1301DWVR Datasheet HTML 26Page - Texas Instruments AMC1301DWVR Datasheet HTML 27Page - Texas Instruments AMC1301DWVR Datasheet HTML 28Page - Texas Instruments AMC1301DWVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
8.3 Best Design Practices
Do not leave the inputs of the AMC1301 unconnected (floating) when the device is powered up. If the device
inputs are left floating, the input bias current can possibly drive the inputs to a positive value that exceeds the
operating common-mode input voltage, thus causing the device to output the fail-safe voltage as described in the
Analog Output section.
Connect the high-side ground (GND1) to INN, either by a hard short or through a resistive path. A DC current
path between INN and GND1 is required to define the input common-mode voltage. Take care not to exceed
the input common-mode range as specified in the Recommended Operating Conditions table. For best accuracy,
route the ground connection as a separate trace that connects directly to the shunt resistor rather than shorting
GND1 to INN directly at the input to the device. See the Layout section for more details.
8.4 Power Supply Recommendations
The AMC1301 does not require any specific power-up sequencing. The high-side power supply (AVDD) is
decoupled with a low-ESR, 100-nF capacitor (C1) parallel to a low-ESR, 1-µF capacitor (C2). The low-side
power supply (DVDD) is equally decoupled with a low-ESR, 100-nF capacitor (C3) parallel to a low-ESR, 1-µF
capacitor (C4). Place all four capacitors (C1, C2, C3, and C4) as close to the device as possible.
The ground reference for the high-side (AGND) is derived from the end of the shunt resistor that is connected
to the negative input (INN) of the device. For best DC accuracy, use a separate trace to make this connection
instead of shorting AGND to INN directly at the device input. If a four-terminal shunt is used, the device inputs
are connected to the inner leads and AGND is connected to the outer lead on the INN side of the shunt. Figure
8-5 shows a decoupling diagram of the AMC1301.
R2 10
R1 10
C5 10 nF
VDD1
I
VDD2
INP
C2 1 µF
C1 100 nF
C4 1 µF
C3 100 nF
C6 1 nF
C7 1 nF
to RC filter / ADC
to RC filter / ADC
VDD1
GND1
INP
INN
AMC1301
VDD2
OUTP
OUTN
GND2
Figure 8-5. Decoupling of the AMC1301
www.ti.com
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com