Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1301DWVR Datasheet(PDF) 18 Page - Texas Instruments

Part # AMC1301DWVR
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301DWVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC1301DWVR Datasheet HTML 14Page - Texas Instruments AMC1301DWVR Datasheet HTML 15Page - Texas Instruments AMC1301DWVR Datasheet HTML 16Page - Texas Instruments AMC1301DWVR Datasheet HTML 17Page - Texas Instruments AMC1301DWVR Datasheet HTML 18Page - Texas Instruments AMC1301DWVR Datasheet HTML 19Page - Texas Instruments AMC1301DWVR Datasheet HTML 20Page - Texas Instruments AMC1301DWVR Datasheet HTML 21Page - Texas Instruments AMC1301DWVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
6.13 Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V, INP = –250 mV to 250 mV, INN = 0 V, and fIN = 10 kHz (unless otherwise noted)
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
1.39
1.4
1.41
1.42
1.43
1.44
1.45
1.46
1.47
1.48
1.49
D037
–55°C ≤ TA < 40°C valid for the AMC1301S only
Figure 6-41. Output Common-Mode Voltage vs Temperature
VDD2 (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
160
180
200
220
240
D038
Figure 6-42. Output Bandwidth vs Low-Side Supply Voltage
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
250
240
230
220
210
200
190
D039
–55°C ≤ TA < 40°C valid for the AMC1301S only
Figure 6-43. Output Bandwidth vs Temperature
VDDx (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
D040
IDD1 vs VDD1
IDD2 vs VDD2
Figure 6-44. Supply Current vs Supply Voltage
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
D041
IDD1
IDD2
–55°C ≤ TA < 40°C valid for the AMC1301S only
Figure 6-45. Supply Current vs Temperature
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com