Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1311B Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC1311B
Description  AMC1311x High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1311B Datasheet(HTML) 1 Page - Texas Instruments

  AMC1311B Datasheet HTML 1Page - Texas Instruments AMC1311B Datasheet HTML 2Page - Texas Instruments AMC1311B Datasheet HTML 3Page - Texas Instruments AMC1311B Datasheet HTML 4Page - Texas Instruments AMC1311B Datasheet HTML 5Page - Texas Instruments AMC1311B Datasheet HTML 6Page - Texas Instruments AMC1311B Datasheet HTML 7Page - Texas Instruments AMC1311B Datasheet HTML 8Page - Texas Instruments AMC1311B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
AMC1311x High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
1 Features
• 2-V, high-impedance input voltage range optimized
for isolated voltage measurement
• Fixed gain: 1
• Low DC errors:
– AMC1311:
• Offset error: ±9.9 mV (maximum)
• Offset drift: ±20 μV/°C (typical)
• Gain error: ±1% (maximum)
• Gain drift: ±30 ppm/°C (typical)
– AMC1311B:
• Offset error: ±1.5 mV (maximum)
• Offset drift: ±10 μV/°C (maximum)
• Gain error: ±0.2% (maximum)
• Gain drift: ±40 ppm/°C (maximum)
– Nonlinearity: 0.04% (maximum)
• 3.3-V operation on high-side (AMC1311B)
• High CMTI: 100 kV/μs (minimum) (AMC1311B)
• Missing high-side supply indication
• Safety-related certifications:
– 7000-VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5000-VRMS isolation for 1 minute per UL1577
– Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Isolated voltage sensing in:
– Motor drives
– Frequency inverters
– Uninterruptible power supplies
3 Description
The AMC1311 is a precision, isolated amplifier with
an output separated from the input circuitry by a
capacitive isolation barrier that is highly resistant
to magnetic interference. This barrier is certified to
provide reinforced galvanic isolation of up to 5 kVRMS
according to DIN EN IEC 60747-17 (VDE 0884-17)
and UL1577 and supports a working voltage of up to
1500 VRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from voltages that
can cause electrical damage or be harmful to an
operator.
The high-impedance input of the AMC1311 is
optimized for connection to high-impedance resistive
dividers or any other high-impedance voltage
signal source. The excellent DC accuracy and
low temperature drift support accurate, isolated
voltage sensing and control in closed-loop systems.
The integrated missing high-side supply voltage
detection feature simplifies system-level design and
diagnostics.
The AMC1311 is offered with two performance grade
options: the AMC1311B is specified over the extended
industrial temperature range of –55°C to +125°C, and
the AMC1311 is specified for operation at –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC1311
SOIC (8)
5.85 mm × 7.50 mm
AMC1311B
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
ADC
VDD2
Low-side supply
(3.3 V or 5 V)
AMC1311B
OUTP
OUTN
GND2
GND1
IN
SHTDN
VDD1
RSNS
High-side supply
(3.3 V or 5 V)
R2
R1
VDC
2 V
VCMout
0..2V
Simplified Schematic
AMC1311
SBAS786C – DECEMBER 2017 – REVISED JUNE 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC1311B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311B TI1-AMC1311B Datasheet
1Mb / 36P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
909Kb / 34P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
910Kb / 34P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BDWV TI1-AMC1311BDWV Datasheet
1Mb / 36P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BDWVR TI1-AMC1311BDWVR Datasheet
1Mb / 36P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
More results

Similar Description - AMC1311B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311 TI1-AMC1311 Datasheet
1Mb / 36P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1211-Q1 TI1-AMC1211-Q1 Datasheet
873Kb / 33P
High-Impedance, 2-V Input, Basic Isolated Amplifiers
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com