Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1311B Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC1311B
Description  AMC1311x High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1311B Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1311B Datasheet HTML 6Page - Texas Instruments AMC1311B Datasheet HTML 7Page - Texas Instruments AMC1311B Datasheet HTML 8Page - Texas Instruments AMC1311B Datasheet HTML 9Page - Texas Instruments AMC1311B Datasheet HTML 10Page - Texas Instruments AMC1311B Datasheet HTML 11Page - Texas Instruments AMC1311B Datasheet HTML 12Page - Texas Instruments AMC1311B Datasheet HTML 13Page - Texas Instruments AMC1311B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
7.9 Electrical Characteristics
minimum and maximum specifications of the AMC1311 apply from TA = –40°C to +125°C, VDD1 = 4.5 V to 5.5 V, VDD2 =
3.0 V to 5.5 V, VIN = –0.1 V to 2 V, and SHTDN = GND1 = 0 V; minimum and maximum specifications of the AMC1311B
apply from TA = –55°C to +125°C, VDD1 = 3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, VIN = –0.1 V to 2 V, and SHTDN = GND1 =
0 V (unless otherwise noted); typical specifications are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
VOS
Input offset voltage(1) (2)
TA = 25°C, 4.5 V ≤ VDD1 ≤ 5.5 V,
AMC1311
–9.9
±0.4
9.9
mV
TA = 25°C, AMC1311B(3)
–1.5
±0.4
1.5
TCVOS
Input offset thermal drift(1) (2) (5)
AMC1311
±20
µV/°C
AMC1311B
–10
±3
10
RIN
Input resistance
TA = 25℃
1
GΩ
IIB
Input bias current
IN = GND1, TA = 25℃
–15
3.5
15
nA
CIN
Input capacitance
fIN = 275 kHz
7
pF
ANALOG OUTPUT
Nominal gain
1
V/V
EG
Gain error(1)
TA = 25℃, AMC1311
–1%
0.4%
1%
TA = 25℃, AMC1311B
–0.2%
±0.05%
0.2%
TCEG
Gain error drift(1) (6)
AMC1311
±30
ppm/°C
AMC1311B
–40
±5
40
Nonlineartity(1)
–0.04%
±0.01%
0.04%
THD
Total harmonic distortion(4)
VIN = 2 VPP, VIN > 0 V,
fIN = 10 kHz, BW = 10 kHz
–87
dB
SNR
Signal-to-noise ratio
VIN = 2 VPP, fIN = 1 kHz, BW = 10 kHz
79
82.6
dB
VIN = 2 VPP, fIN = 10 kHz, BW = 100 kHz
70.9
Output noise
VIN = GND1, BW = 100 kHz
220
µVrms
PSRR
Power-supply rejection ratio(2)
vs VDD1, at DC
–80
dB
vs VDD2, at DC
–85
vs VDD1, 10 kHz / 100-mV ripple
–65
vs VDD2, 10 kHz / 100-mV ripple
–70
VCMout
Output common-mode voltage
1.39
1.44
1.49
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN);
VIN > VClipping
2.49
V
VFAILSAFE Failsafe differential output voltage
SHTDN = high, or VDD1 undervoltage,
or VDD1 missing
–2.6
–2.5
V
BW
Output bandwidth
AMC1311
100
220
kHz
AMC1311B
220
275
ROUT
Output resistance
On OUTP or OUTN
<0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or sinking,
IN = GND1, outputs shorted to
either GND or VDD2
14
mA
CMTI
Common-mode transient immunity
AMC1311
15
30
kV/µs
AMC1311B
100
150
AMC1311
SBAS786C – DECEMBER 2017 – REVISED JUNE 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC1311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com