Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7832IPAP.A Datasheet(PDF) 17 Page - Texas Instruments

Part # AMC7832IPAP.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP.A Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC7832IPAP.A Datasheet HTML 13Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 14Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 15Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 16Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 17Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 18Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 19Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 20Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
9.75
9.80
9.85
9.90
9.95
10.00
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
I
LOAD (mA)
C002
0.00
0.05
0.10
0.15
0.20
0.25
±15 ±14 ±13 ±12 ±11 ±10 ±9 ±8 ±7 ±6 ±5 ±4 ±3 ±2 ±1 0
I
LOAD (mA)
C002
±0.20
±0.15
±0.10
±0.05
0.00
0.05
0.10
0.15
0.20
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
0V to 10V Range
0V to 5V Range
-10V to 0V Range
C001
0
1
2
3
4
5
6
7
8
9
10
±50
±40
±30
±20
±10
0
10
20
30
40
50
I
LOAD (mA)
C001
±5
±4
±3
±2
±1
0
1
2
3
4
5
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
0V to 10V Range
0V to 5V Range
C001
±20
±15
±10
±5
0
5
10
15
20
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
C001
AMC7832
www.ti.com
SLAS836 – MARCH 2014
Typical Characteristics: DAC (continued)
-10V to 0V range
Figure 15. Offset Error vs Temperature
Figure 16. Zero-Scale Error vs Temperature
T = 25°C, Input Code 0x800, 0 to 10V range
Figure 18. Output Voltage vs Load Current
Figure 17. Gain Error vs Temperature
T = 25°C, AVCC = 10V, AVEE = 0V, Input Code 0xFFF, 0 to 10V
T = 25°C, AVCC = 10V, AVEE = 0V, Input Code 0x000, 0 to 10V
range
range
Figure 19. Source Current
Figure 20. Sink Current
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com