Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7832IPAP.A Datasheet(PDF) 30 Page - Texas Instruments

Part # AMC7832IPAP.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP.A Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC7832IPAP.A Datasheet HTML 26Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 27Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 28Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 29Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 30Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 31Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 32Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 33Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
Start
(Reset)
ADC Idle State
First Conversion
ADC Trigger?
No
Is this the last
conversion?
No
Convert next
channel
Yes
Direct-Mode?
Yes
No
Yes
ADC Trigger?
Yes
No
Update Registers
&
Issue Data
Available Indicator
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Figure 44. AMC7832 ADC Conversion Sequence
Regardless of the selected conversion method, the following registers should only be updated while the ADC is
in idle state:
•
ADC Configuration Register (address 0x10)
•
False Alarm Configuration Register (address 0x11)
•
ADC MUX Configuration Registers (address 0x13 – 0x15)
•
Threshold Registers (0x80 – 0x97)
•
Hysteresis Register (0xA0 – 0xA5)
•
Power Down Registers (0xB2 - 0xB3)
30
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com