Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7832IPAP.A Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC7832IPAP.A
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC7832IPAP.A Datasheet HTML 19Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 20Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 21Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 22Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 23Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 24Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 25Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 26Page - Texas Instruments AMC7832IPAP.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8 Detailed Description
8.1 Overview
The AMC7832 is a highly integrated analog monitoring and control solution capable of voltage and temperature
supervision. The AMC7832 includes the following:
•
Twelve, 12-bit digital-to-analog converters (DACs) with adjustable output ranges
–
Output ranges of 0 to +5-V, 0 to +10-V and -10 to 0-V
–
The DAC power-on and clamp voltage can be terminal-selected between GND and AVSS
–
The DACs can be configured to clamp automatically upon detection of an alarm event
•
A multi-channel, 12-bit analog-to-digital converter (ADC) for voltage and temperature sensing
–
12 bipolar inputs: -12.5-V to +12.5-V input range
–
5 precision inputs with programmable threshold detectors: 0 to +5-V input range
–
Internal temperature sensor
•
Internal precision reference
•
Eight General Purpose I/O (GPIO) ports
•
Communication with the device is done through a 4-wire SPI compatible interface supporting +1.8-V to +5.5-V
operation
The AMC7832 is characterized for operation over the temperature range of -40ºC to 125ºC thus making it
suitable for harsh condition applications and is available in a 10mm x 10mm 64-terminal HTQFP PowerPAD
package.
The AMC7832’s high-integration make it an ideal all-in-one, low-cost, bias control circuit for the power amplifiers
(PA) found in multi-channel RF communication systems. The flexible DAC output ranges allow the device to be
used as a biasing solution for a large variety of transistor technologies such as LDMOS, GaAs and GaN. The
AMC7832 feature set is similarly beneficial in general purpose monitor and control systems.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com