Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA508 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 5 Page - STMicroelectronics

  STA508_V01 Datasheet HTML 1Page - STMicroelectronics STA508_V01 Datasheet HTML 2Page - STMicroelectronics STA508_V01 Datasheet HTML 3Page - STMicroelectronics STA508_V01 Datasheet HTML 4Page - STMicroelectronics STA508_V01 Datasheet HTML 5Page - STMicroelectronics STA508_V01 Datasheet HTML 6Page - STMicroelectronics STA508_V01 Datasheet HTML 7Page - STMicroelectronics STA508_V01 Datasheet HTML 8Page - STMicroelectronics STA508_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
3
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (Pin 4, 7, 12, 15)
40
V
Vmax
Maximum voltage on pins 23 to 32
5.5
V
Ptot
Power dissipation (Tcase = 70 °C)
50
W
Top
Operating temperature range
- 40 to 90
°C
Tstg
Storage temperature
- 40 to 150
°C
Tj
Junction temperature
Table 4. Thermal data
Symbol
Description
Value
Unit
Rthj-case
Thermal resistance junction-case
max 1.5
°C/W
STA508
Maximum ratings
DS3503 - Rev 6
page 5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com