Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA508 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA508_V01 Datasheet HTML 6Page - STMicroelectronics STA508_V01 Datasheet HTML 7Page - STMicroelectronics STA508_V01 Datasheet HTML 8Page - STMicroelectronics STA508_V01 Datasheet HTML 9Page - STMicroelectronics STA508_V01 Datasheet HTML 10Page - STMicroelectronics STA508_V01 Datasheet HTML 11Page - STMicroelectronics STA508_V01 Datasheet HTML 12Page - STMicroelectronics STA508_V01 Datasheet HTML 13Page - STMicroelectronics STA508_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
STA508
Package information
DS3503 - Rev 6
page 10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com