Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA508 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA508_V01 Datasheet HTML 11Page - STMicroelectronics STA508_V01 Datasheet HTML 12Page - STMicroelectronics STA508_V01 Datasheet HTML 13Page - STMicroelectronics STA508_V01 Datasheet HTML 14Page - STMicroelectronics STA508_V01 Datasheet HTML 15Page - STMicroelectronics STA508_V01 Datasheet HTML 16Page - STMicroelectronics STA508_V01 Datasheet HTML 17Page - STMicroelectronics STA508_V01 Datasheet HTML 18Page - STMicroelectronics STA508_V01 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Revision history
Table 11. Document revision history
Date
Revision
Changes
Sep 1994
1
Initial release.
Jun 2004
2
Note 2: See relevant Application Note AN1994
Nov 2004
3
Changed VCC from 9 min to 10 min
Feb 2006
4
Changed Top value on Table 5.
01-Sep-2020
5
Updated order code in device summary on the cover page.
19-Nov-2020
6
Updated package name, Figure 2 and Section 6.1 PowerSO-36
exposed pad up package information.
STA508
DS3503 - Rev 6
page 15/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com