Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAMP0TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 4Page - STMicroelectronics STAMP0TR Datasheet HTML 5Page - STMicroelectronics STAMP0TR Datasheet HTML 6Page - STMicroelectronics STAMP0TR Datasheet HTML 7Page - STMicroelectronics STAMP0TR Datasheet HTML 8Page - STMicroelectronics STAMP0TR Datasheet HTML 9Page - STMicroelectronics STAMP0TR Datasheet HTML 10Page - STMicroelectronics STAMP0TR Datasheet HTML 11Page - STMicroelectronics STAMP0TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Pin description
STAMP0
8/62
DocID028639 Rev 1
1
Pin description
Figure 1: Pin connections (top view)
Table 2: Pin description
Pin #
Type
Pin name
Description
1
Supply
VDD4
Core and IOs power supply
2
Ground
GND4
Core and IOs ground
3
Digital input
PDM1
PDM input channels 1/2
4
Digital input
PDM2
PDM input channels 3/4
5
Digital input
PDM3
PDM input channels 5/6
6
Digital input
PDM4
PDM input channels 7/8
7
Digital output
MIC_CLK
Microphone clock
8
Supply
VDD
Core and IOs power supply
9
Ground
GND
Core and IOs ground
10
Digital input
SA
I²C device address select
11
Digital output
INTLINE
Interrupt line
12
Digital output
SYNC_CLK
Clock output
15
Supply
VDD3
Core and IOs power supply
16
Ground
GND3
Core and IOs ground
18
Digital input
RESET
Global asynchronous reset active-low
19
Digital output
TDM
TDM serial data out
20
Digital input
FSY
TDM frame sync
21
Digital input
SCK
TDM bit clock
22
Supply
VDD_PLL
PLL power supply
1
2
3
4
5
6
16
7
17
18
15
19
20
21
VDD4
GND4
PDM1
SCK
FSY
TDM
PAD CONNECTED
TO GND
RESET
N.C.
GND3
VDD3
PDM2
PDM3
PDM4
MICK_CLK
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com