Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAMP0TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 12Page - STMicroelectronics STAMP0TR Datasheet HTML 13Page - STMicroelectronics STAMP0TR Datasheet HTML 14Page - STMicroelectronics STAMP0TR Datasheet HTML 15Page - STMicroelectronics STAMP0TR Datasheet HTML 16Page - STMicroelectronics STAMP0TR Datasheet HTML 17Page - STMicroelectronics STAMP0TR Datasheet HTML 18Page - STMicroelectronics STAMP0TR Datasheet HTML 19Page - STMicroelectronics STAMP0TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Architecture
STAMP0
16/62
DocID028639 Rev 1
4.2.1
Decimation filters
The STAMP0 provides a decimation section that is used to convert the sample rate from 64
x Fs to Fs.
The decimation is performed using three FIR filters (STAGE1, STAGE2 and STAGE3).
Each filtering stage has a decimation factor of 4, consequently both the number of TAPS
and coefficient values are different.
The total FIR frequency response (with respect to PDM frequency) is shown in Figure 6:
"Downsampling FIR frequency response (overall)" and the characteristics are listed in
Table 7: "Downsampling section overall characteristics".
Figure 6: Downsampling FIR frequency response (overall)
Table 7: Downsampling section overall characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
PBW
Pass band relative to PDM sampling
frequency
0.00703125
SBW
Stop band relative to PDM sampling
frequency
0.078125
OOBA
Out of band attenuation
100
dB
IBR
In band ripple
0.1
dB
LT
Total latency
562
PDM
samples
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com