Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAMP0TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 21Page - STMicroelectronics STAMP0TR Datasheet HTML 22Page - STMicroelectronics STAMP0TR Datasheet HTML 23Page - STMicroelectronics STAMP0TR Datasheet HTML 24Page - STMicroelectronics STAMP0TR Datasheet HTML 25Page - STMicroelectronics STAMP0TR Datasheet HTML 26Page - STMicroelectronics STAMP0TR Datasheet HTML 27Page - STMicroelectronics STAMP0TR Datasheet HTML 28Page - STMicroelectronics STAMP0TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
STAMP0
Architecture
DocID028639 Rev 1
25/62
Figure 17: Data and FSY change on the rising edges of SCK and are valid on the falling edges
of SCK.The frame starts on the falling edge of FSY (NO DELAY)
Within one frame, the DATA is divided into multiple slots as defined in Section 5.5.1:
"Channel mapping".
The TDM interface supports the non-delayed (Figure 14: "Data and FSY change on the
falling edges of SCK and are valid on the rising edges of SCK. The frame starts on the
rising edge of FSY (NO DELAY)", Figure 15: "Data and FSY change on the rising edges of
SCK and are valid on the falling edges of SCK. The frame starts on the rising edge of FSY
(NO DELAY)", Figure 16: "Data and FSY change on the falling edges of SCK and are valid
on the rising edges of SCK.The frame starts on the falling edge of FSY (NO DELAY)" and
Figure 17: "Data and FSY change on the rising edges of SCK and are valid on the falling
edges of SCK.The frame starts on the falling edge of FSY (NO DELAY)") sequential
alignment and delayed sequential alignment data formats.
In the latter, as shown in Figure 18: "Data and FSY change on the falling edges of SCK
and are valid on the rising edges of SCK.The frame starts on the rising edge of FSY
(DELAYED)", there is one SCK clock delay between the start/stop of the frame and the
start/stop of the TDM data.
Figure 18: Data and FSY change on the falling edges of SCK and are valid on the rising edges
of SCK.The frame starts on the rising edge of FSY (DELAYED)
The non-delayed and delayed alignments can be selected through the I²C register (Reg.
0x09 bit B6). The sequential (non-delayed) alignment is the default format.
4.6
I²C interface
In the STAMP0 each module contains several registers for configuration, status and
testing, each one can be accessed using an I²C standard serial interface. A detailed
description of the protocol is given in the following subsections.
4.6.1
I²C communication protocol
The STAMP0 supports the I²C protocol via the input ports SCL and SDA (master to slave
communication). This protocol defines any device that sends data to the bus as a
transmitter and any device that reads the data as a receiver. The device that controls the
data transfer is known as the master and the other as the slave. The master always starts
the transfer and provides the serial clock for synchronization.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com