Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492PE Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7492PE
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PE Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7492PE Datasheet HTML 2Page - STMicroelectronics TDA7492PE Datasheet HTML 3Page - STMicroelectronics TDA7492PE Datasheet HTML 4Page - STMicroelectronics TDA7492PE Datasheet HTML 5Page - STMicroelectronics TDA7492PE Datasheet HTML 6Page - STMicroelectronics TDA7492PE Datasheet HTML 7Page - STMicroelectronics TDA7492PE Datasheet HTML 8Page - STMicroelectronics TDA7492PE Datasheet HTML 9Page - STMicroelectronics TDA7492PE Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
3.3
Electrical specifications
Unless otherwise stated, the results in Table 1 below are given for the conditions: VCC = 22 V, RL= 6 Ω, ROSC =
R3 = 33 kΩ, f = 1 kHz, GV = 20.8 dB and Tamb = 25 °C.
Table 4. Electrical specifications
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage for pins PVCCA,
PVCCB, SVCC
-
7
-
26
V
Iq
Total quiescent current
No LC filter, no load
-
40
mA
IqSTBY
Quiescent current in standby
-
-
1
-
µA
VOS
Output offset voltage
Vi = 0, no load
20
mV
IOCP
Overcurrent protection threshold
to switch off the device
9
10
13
A
Tj
Junction temperature at thermal
shutdown
-
140
150
160
°C
Ri
Input resistance
Differential input
60
-
kΩ
RdsON
Power transistor on-resistance
High side
-
0.2
-
Ω
Low side
-
0.2
-
GV
Closed-loop gain
GAIN < 0.25*Vdd
20.8
-
dB
0.25*Vdd < GAIN < 0.5*Vdd
-
26.8
-
0.5*Vdd < GAIN < 0.75*Vdd
-
30
-
GAIN1 > 0.75*Vdd
-
32.8
-
ΔGV
Gain matching
-
-
±1
dB
CT
Cross talk
f = 1 kHz, PO = 1 W
70
-
dB
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 Vpp,
CSVR = 10 µF
-
60
-
dB
Tr, Tf
Rise and fall times
-
-
24
40
ns
fSW
Switching frequency
Internal oscillator
500
kHz
fSWR
Output switching frequency
range
With internal oscillator by changing
Rosc(1)
450
-
550
kHz
VinH
Digital input high (H)
-
2.0
-
-
V
VinL
Digital input low (L)
-
-
0.8
Function
mode
Standby, Mute, Play
STBY < 0.5 V Mute = X
Standby
STBY > 2.5 V Mute < 0.8 V
Mute
STBY > 2.5 V Mute > 2.5 V
Play
AMUTE
Mute attenuation
VMUTE = 1 V
60
80
-
dB
1. fSW = 106 / [( ROSC * 12 + 110) * 4] kHz, fSYNCLK = 2 * fSW (where ROSC is in kΩ. and fSW in kHz) with Rosc = 33 kΩ.
TDA7492PE
Electrical specifications
DS10652 - Rev 3
page 6/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com