Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492PE Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7492PE
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PE Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7492PE Datasheet HTML 11Page - STMicroelectronics TDA7492PE Datasheet HTML 12Page - STMicroelectronics TDA7492PE Datasheet HTML 13Page - STMicroelectronics TDA7492PE Datasheet HTML 14Page - STMicroelectronics TDA7492PE Datasheet HTML 15Page - STMicroelectronics TDA7492PE Datasheet HTML 16Page - STMicroelectronics TDA7492PE Datasheet HTML 17Page - STMicroelectronics TDA7492PE Datasheet HTML 18Page - STMicroelectronics TDA7492PE Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Table 13. PowerSSO-36 EPD package mechanical data
Symbol
Dimensions in mm
Dimensions in inches
Min.
Typ.
Max.
Min.
Typ.
Max.
θ
0º
-
8°
0º
-
8°
θ1
5°
-
10°
5°
-
10°
θ2
0°
-
-
0°
-
-
A
2.15
-
2.45
0.085
-
0.096
A1
0.00
-
0.10
0.00
-
0.004
A2
2.15
-
2.35
0.085
-
0.093
b
0.18
-
0.32
0.007
-
0.013
b1
0.13
0.25
0.30
0.005
0.010
0.012
c
0.23
-
0.32
0.009
-
0.013
c1
0.20
0.20
0.30
0.008
0.008
0.012
D
10.30 BSC
0.406 BSC
D1
6.50
-
7.10
0.256
-
0.280
D2
-
3.65
-
-
0.144
-
D3
-
4.30
-
-
0.169
-
e
0.50 BSC
0.020 BSC
E
10.30 BSC
0.406 BSC
E1
7.50 BSC
0.295 BSC
E2
4.10
-
4.70
0.161
-
0.185
E3
-
2.30
-
-
0.091
-
E4
-
2.90
-
-
0.114
-
G1
-
1.20
-
-
0.047
-
G2
-
1.00
-
-
0.039
-
G3
-
0.80
-
-
0.032
-
h
0.30
-
0.40
0.012
-
0.016
L
0.55
0.70
0.85
0.022
0.028
0.033
L1
1.40 REF
0.055 REF
L2
0.25 BSC
0.010 BSC
N
36
R
0.30
-
-
0.012
-
-
R1
0.20
-
-
0.008
-
-
S
0.25
-
-
0.010
-
-
TDA7492PE
PowerSSO-36 EPD package information
DS10652 - Rev 3
page 17/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com