Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492PE Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7492PE
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PE Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7492PE Datasheet HTML 1Page - STMicroelectronics TDA7492PE Datasheet HTML 2Page - STMicroelectronics TDA7492PE Datasheet HTML 3Page - STMicroelectronics TDA7492PE Datasheet HTML 4Page - STMicroelectronics TDA7492PE Datasheet HTML 5Page - STMicroelectronics TDA7492PE Datasheet HTML 6Page - STMicroelectronics TDA7492PE Datasheet HTML 7Page - STMicroelectronics TDA7492PE Datasheet HTML 8Page - STMicroelectronics TDA7492PE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2.2
Pin list
Table 1. Pin description list
Number
Name
Type
Description
1
SUB_GND
PWR
Connect to the frame
2, 3
OUTPB
O
Positive PWM for right channel
4, 5
PGNDB
PWR
Power stage ground for right channel
6, 7
PVCCB
PWR
Power supply for right channel
8, 9
OUTNB
O
Negative PWM output for right channel
10, 11
OUTNA
O
Negative PWM output for left channel
12, 13
PVCCA
PWR
Power supply for left channel
14, 15
PGNDA
PWR
Power stage ground for left channel
16, 17
OUTPA
O
Positive PWM output for left channel
18
PGND
PWR
Power stage ground
19
VDDPW
O
3.3 V (nominal) regulator output referred to ground for power stage
20
STBY
I
Standby mode control
21
MUTE
I
Mute mode control
22
INPA
I
Positive differential input of left channel
23
INNA
I
Negative differential input of left channel
24
ROSC
O
Master oscillator frequency-setting pin
25
SYNCLK
I/O
Clock in/out for external oscillator
26
VDDS
O
3.3 V (nominal) regulator output referred to ground for signal blocks
27
SGND
PWR
Signal ground
28
DIAG
O
Open-drain diagnostic output
29
SVR
O
Supply voltage rejection
30
PLIMIT
I
Output voltage level setting
31
GAIN
I
Gain setting input
32
INPB
I
Positive differential input of right channel
33
INNB
I
Negative differential input of right channel
34
VREF
O
Half VDDS (nominal) referred to ground
35
SVCC
PWR
Signal power supply
36
VSS
O
3.3 V (nominal) regulator output referred to power supply
-
EP
-
Exposed pad for heatsink, to be connected to GND
TDA7492PE
Pin list
DS10652 - Rev 3
page 4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com