Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6321 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 4Page - Texas Instruments LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments LMH6321 Datasheet HTML 10Page - Texas Instruments LMH6321 Datasheet HTML 11Page - Texas Instruments LMH6321 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
7.7 Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RS = 50 Ω, and RL = 100 Ω (unless otherwise noted).
Frequency (Hz)
100k
1M
10M
100M
1G
10
5
0
-5
-10
-15
0
-10
-20
-30
-40
-50
D007
VS = ±2.25 V
VS = ±5 V
VS = ±12 V
VS = ±18 V
Solid lines indicate wide-BW mode, dashed lines indicate low-
IQ mode
Figure 7-7. Gain and Phase vs Frequency and Power-Supply
Voltage
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
D008
D008
PSRR+
PSRR
Solid lines indicate wide-BW mode, dashed lines indicate low-
IQ mode
Figure 7-8. PSRR vs Frequency
Frequency (Hz)
10
100
1k
10k
100k
10
1
D011
Low-IQ
Wide-BW
.
Figure 7-9. Voltage Noise Density vs Frequency
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
D017
Low-IQ
Wide-BW
.
Figure 7-10. Current Noise Density vs Frequency
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
100
1k
10k
100k
1M
10M
D012
HD2
HD3
Wide-BW mode, VIN = 10 VPP, RL = 1 kΩ
Figure 7-11. Harmonic Distortion vs Frequency
Frequency (Hz)
-80
-70
-60
-50
-40
100
1k
10k
100k
1M
10M
D013
HD2
HD3
Wide-BW mode, VIN = 10 VPP, RL = 100 Ω
Figure 7-12. Harmonic Distortion vs Frequency
BUF634A
SBOS948F – FEBRUARY 2019 – REVISED MAY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com