Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6321 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments LMH6321 Datasheet HTML 10Page - Texas Instruments LMH6321 Datasheet HTML 11Page - Texas Instruments LMH6321 Datasheet HTML 12Page - Texas Instruments LMH6321 Datasheet HTML 13Page - Texas Instruments LMH6321 Datasheet HTML 14Page - Texas Instruments LMH6321 Datasheet HTML 15Page - Texas Instruments LMH6321 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
7.7 Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RS = 50 Ω, and RL = 100 Ω (unless otherwise noted).
Ambient Temperature (oC)
-50
-25
0
25
50
75
100
125
1.4
1.5
1.6
1.7
1.8
D028
Low-IQ mode, 35 devices
Figure 7-31. Quiescent Current vs Temperature
Ambient Temperature (oC)
-50
-25
0
25
50
75
100
125
7.5
7.9
8.3
8.7
9.1
9.5
D029
Wide-BW mode, 35 devices
Figure 7-32. Quiescent Current vs Temperature
Ambient Temperature (oC)
-50
-25
0
25
50
75
100
125
0.93
0.935
0.94
0.945
0.95
0.955
0.96
D026
Low-IQ mode, 35 devices
Figure 7-33. Buffer Gain vs Temperature
Ambient Temperature (oC)
-50
-25
0
25
50
75
100
125
0.94
0.945
0.95
0.955
0.96
0.965
0.97
D027
Wide-BW mode, 35 devices
Figure 7-34. Buffer Gain vs Temperature
Ambient Temperature (oC)
-50
-25
0
25
50
75
100
125
150
0
0.5
1
1.5
2
D033
.
Figure 7-35. Maximum Power Dissipation vs Temperature
BUF634A
SBOS948F – FEBRUARY 2019 – REVISED MAY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com