Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6321 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 9Page - Texas Instruments LMH6321 Datasheet HTML 10Page - Texas Instruments LMH6321 Datasheet HTML 11Page - Texas Instruments LMH6321 Datasheet HTML 12Page - Texas Instruments LMH6321 Datasheet HTML 13Page - Texas Instruments LMH6321 Datasheet HTML 14Page - Texas Instruments LMH6321 Datasheet HTML 15Page - Texas Instruments LMH6321 Datasheet HTML 16Page - Texas Instruments LMH6321 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
8 Detailed Description
8.1 Overview
The BUF634A device is a high-speed, unity-gain, open-loop buffer that can be used in a wide range of
applications requiring large output current drive or large slew rates. The BUF634A can operate on power
supplies ranging from 4.5 V to 36 V and includes an internal output current limiting feature and thermal
shutdown, thereby making the device rugged and easy to use.
The bandwidth of the BUF634A can be adjusted by connecting a resistor between the V– and BW pins. Its
power scaling with bandwidth makes the device suitable for use in portable battery-powered applications. See
the Section 8.4.1 for a description of the relationship between bandwidth adjustment resistance and the device
–3-dB bandwidth.
The BUF634A can be used in a composite loop (inside the feedback loop of op amps) to increase output current,
eliminate thermal feedback, and improve capacitive load drive. See Figure 9-7 for this circuit. Decoupling the
high-power output current stage from the precision amplifier gives high precision performance by eliminating
thermal effects on input offset of the composite circuit. With a large slew rate of 3750 V/µs, the BUF634A can
quickly reproduce its input signal at its output without adding considerable delay when used in a composite loop.
When used in a composite loop, the outer amplifier controls the circuit precision and distortion performance and
the buffer augments the circuit output current drive capability.
See the Section 8.2 for a simplified circuit diagram of the open-loop complementary follower design of the
BUF634A.
8.2 Functional Block Diagram
50
BW
VIN
VO
V+
V±
Thermal
Shutdown
I1
(1)
Stage currents are set by I1.
www.ti.com
BUF634A
SBOS948F – FEBRUARY 2019 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com