Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW100
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW100 Datasheet(HTML) 1 Page - STMicroelectronics

  BYW100 Datasheet HTML 1Page - STMicroelectronics BYW100 Datasheet HTML 2Page - STMicroelectronics BYW100 Datasheet HTML 3Page - STMicroelectronics BYW100 Datasheet HTML 4Page - STMicroelectronics BYW100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYW100-200
October 1999 - Ed: 3A
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
®
Low voltage drop and rectifier suited for switching
mode base drive and transistor circuits.
DESCRIPTION
VERY LOW CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD AND REVERSE RECOVERY
TIMES
THE
SPECIFICATIONS
AND
CURVES
ENABLE THE DETERMINATION OF trr AND
IRM AT 100
°C UNDER USERS CONDITIONS
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IFRM
Repetitive peak forward current *
tp = 5
µs F = 1KHz
80
A
IF(AV)
Average forward current *
Ta = 95
°C δ = 0.5
1.5
A
IFSM
Surge non repetitive forward current
tp=10 ms sinusoidal
50
A
Tstg
Storage temperature range
-65 +150
°C
Tj
Maximum operating junction temperature
+ 150
°C
TL
Maximum lead temperature for soldering during 10s at 4mm from
case
230
°C
* On infinite heatsink with 10mm lead length.
ABSOLUTE RATINGS (limiting values)
IF(AV)
1.5 A
VRRM
200 V
Tj (max)
150 °C
VF (max)
0.85 V
MAIN PRODUCT CHARACTERISTICS
F126
(JEDEC DO-204AC)
1/5


Similar Part No. - BYW100

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BYW100 DSK-BYW100 Datasheet
296Kb / 2P
SUPER FAST RECTIFIERS
logo
New Jersey Semi-Conduct...
BYW100-100 NJSEMI-BYW100-100 Datasheet
84Kb / 1P
RECTIFIER DIODES
BYW100-150 NJSEMI-BYW100-150 Datasheet
84Kb / 1P
RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
BYW100-200 BILIN-BYW100-200 Datasheet
97Kb / 2P
SUPER FAST RECTIFIERS
logo
Shenzhen Taychipst Elec...
BYW100-200 TAYCHIPST-BYW100-200 Datasheet
978Kb / 2P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BYW100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
SMBYW01-200 STMICROELECTRONICS-SMBYW01-200 Datasheet
59Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODE
Oct-1999
SMBYW02-200 STMICROELECTRONICS-SMBYW02-200 Datasheet
69Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
SMBYW04-200 STMICROELECTRONICS-SMBYW04-200 Datasheet
103Kb / 6P
HIGH EFFICIENCY FAST RECOVERY DIODE
STPR120A STMICROELECTRONICS-STPR120A Datasheet
51Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODE
Apr-2000
BYW4200B-TR STMICROELECTRONICS-BYW4200B-TR Datasheet
114Kb / 6P
HIGH EFFICIENCY FAST RECOVERY DIODE
Oct-1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com