Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYW100
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW100 Datasheet(HTML) 2 Page - STMicroelectronics

  BYW100 Datasheet HTML 1Page - STMicroelectronics BYW100 Datasheet HTML 2Page - STMicroelectronics BYW100 Datasheet HTML 3Page - STMicroelectronics BYW100 Datasheet HTML 4Page - STMicroelectronics BYW100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
VR = VRRM
Tj = 25
°C
10
µA
Tj = 100
°C
0.5
mA
VF **
Forward voltage drop
IF = 4.5 A
Tj = 25
°C
1.2
V
IF = 1.5 A
Tj = 100
°C
0.78
0.85
Pulse test : * tp = 5 ms,
δ < 2 %
** tp = 380
µs, δ < 2 %
To evaluate the maximum conduction losses use the following equation :
P = 0.75 x IF(AV) + 0.075 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient *
45
°C/W
* On infinite heatsink with 10mm lead length.
THERMAL RESISTANCES
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
trr
IF = 1 A
dIF/dt = - 50 A/
µs VR = 30 V
Tj = 25
°C
35
ns
tfr
IF = 1.5 A
dIF/dt = -50 A/
µs
Measured at 1.1 x VF max.
Tj = 25
°C
30
ns
VFP
IF = 1.5 A
dIF/dt = -50 A/
µs
Tj = 25
°C
5V
Qrr
IF = 1.5 A
dIF/dt = -20 A/
µs VR ≤ 30 V
Tj = 25°C
10
nC
RECOVERY CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
PF(av)(W)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
T
δ=tp/T
tp
IF(av) (A)
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
IF(av)(A)
Rth(j-a)=100°C/W
Rth(j-a)=Rth(j-l)
Tamb(°C)
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5).
BYW100-200
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com