Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYW100
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW100 Datasheet(HTML) 3 Page - STMicroelectronics

  BYW100 Datasheet HTML 1Page - STMicroelectronics BYW100 Datasheet HTML 2Page - STMicroelectronics BYW100 Datasheet HTML 3Page - STMicroelectronics BYW100 Datasheet HTML 4Page - STMicroelectronics BYW100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5
10152025
0
10
20
30
40
50
60
70
80
90
100
110
Rth(°C/W)
Rth(j-a)
Rth(j-l)
Lleads(mm)
Fig. 3: Thermal resistance versus lead length.
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
0.10
1.00
10.00
50.00
IFM(A)
Tj=25°C
Tj=100°C
Tj=100°C
(Typical values)
VFM(V)
Fig. 5: Forward voltage drop versus forward
current (maximum values).
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
Zth(j-a)/Rth(j-a)
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
tp(s)
Fig. 4: Variation of thermal impedance junction to
ambient versus pulse duration (recommended pad
layout, epoxy FR4, e(Cu)=35
µm).
1
10
100
200
1
2
5
10
20
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values).
1
10
100
0
50
100
150
trr(ns)
IF=1.5A
VR=30V
90% confidence
Tj=100°C
Tj=25°C
dIF/dt(A/µs)
Fig. 7: Reverse recovery time versus dIF/dt .
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
IRM(A)
IF=1.5A
VR=30V
90% confidence
Tj=100°C
Tj=25°C
dIF/dt(A/µs)
Fig. 8: Peak reverse recovery current versus
dIF/dt.
BYW100-200
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com