Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7040AY Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ7040AY
Description  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ7040AY_V01 Datasheet HTML 9Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 10Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 11Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 12Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 13Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 14Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 15Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 16Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
VNQ7040AY
Electrical specification
DocID027406 Rev 4
13/50
7 V < VCC < 18 V; -40 °C < Tj < 150 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISENSEH
MultiSense
output current in
fault condition
VCC = 13 V; VSENSE = 5 V
7
20
30
mA
MultiSense timings (Chip Temperature Sense mode - see Figure 6: "Multisense timings (chip
temperature and VCC sense mode)")
tDSENSE3H
VSENSE_TC settling
time from rising
edge of SEn
VSEn = 0 V to 5 V;
VSEL0 = VSEL1 = 0 V;
VSEL2 = 5 V; RSENSE = 1
kΩ
60
µs
tDSENSE3L
VSENSE_TC disable
delay time from
falling edge of
SEn
VSEn = 5 V to 0 V;
VSEL0 = VSEL1 = 0 V;
VSEL2 = 5 V; RSENSE = 1
kΩ
20
µs
MultiSense timings (VCC Voltage Sense mode - see Figure 6: "Multisense timings (chip
temperature and VCC sense mode)")
tDSENSE4H
VSENSE_VCC
settling time from
rising edge of
SEn
VSEn = 0 V to 5 V;
VSEL0 = VSEL1 = VSEL2 = 5 V;
RSENSE = 1
kΩ
60
µs
tDSENSE4L
VSENSE_VCC
disable delay
time from falling
edge of SEn
VSEn = 5 V to 0 V;
VSEL0 = VSEL1 = VSEL2 = 5 V;
RSENSE = 1
kΩ
20
µs
MultiSense Timings (Multiplexer transition times) (3)
tD_XtoY
MultiSense
transition delay
from ChX to ChY
VIN2 = 5 V; VIN3 = 5 V;
VSEn = 5 V; VSEL0 = 0 V to 5 V;
VSEL1 = 5 V; VSEL2 = 0 V;
IOUT2 = 0 A; IOUT3 = 2.5 A;
RSENSE = 1
kΩ
20
µs
tD_CStoTC
MultiSense
transition delay
from current
sense to TC
sense
VIN0 = 5 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = VSEL2 = 0 V
to 5 V;
IOUT0 = 1.25 A; RSENSE = 1
kΩ
60
µs
tD_TCtoCS
MultiSense
transition delay
fromTC sense to
current sense
VIN0 = 5 V; VSEn = 5 V;
VSEL0 = 0 V;
VSEL1 = VSEL2 = 5 V to 0 V;
IOUT0 = 1.25 A; RSENSE = 1
kΩ
20
µs
tD_CStoVCC
MultiSense
transition delay
from current
sense to VCC
sense
VIN2 = 5 V; VSEn = 5 V;
VSEL0 = 5 V;
VSEL1 = 5 V; VSEL2 = 0 V to 5 V;
IOUT2 = 1.25 A; RSENSE = 1
kΩ
60
µs
tD_VCCtoCS
MultiSense
transition delay
from VCC sense to
current sense
VIN2 = 5 V; VSEn = 5 V;
VSEL1 = 5 V;
VSEL0 = VSEL2 = 5 V to 0 V;
IOUT2 = 1.25 A; RSENSE = 1
kΩ
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com