Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7040AY Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNQ7040AY
Description  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AY Datasheet(HTML) 4 Page - STMicroelectronics

  VNQ7040AY_V01 Datasheet HTML 1Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 2Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 3Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 4Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 5Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 6Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 7Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 8Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Block diagram and pin description
VNQ7040AY
4/50
DocID027406 Rev 4
1
Block diagram and pin description
Figure 1: Block diagram
Table 1: Pin functions
Name
Function
VCC
Battery connection.
OUTPUT0,1,2,3
Power output.
GND
Ground connection.
INPUT0,1,2,3
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V CMOS
outputs. They control output switch state.
MultiSense
Multiplexed analog sense output pin; it delivers a current proportional to the selected
diagnostic: load current, supply voltage or chip temperature.
SEn
Active high compatible with 3 V and 5 V CMOS outputs pin; it enables the
MultiSense diagnostic pin
LED0,1
Active high compatible with 3 V and 5 V CMOS outputs pin; they enable the LED
mode on logic high level (see Table 15: "Truth table").
SEL0,1,2
Active high compatible with 3 V and 5 V CMOS outputs pin; they address the
MultiSense multiplexer (see Table 15: "Truth table").
FaultRST
Active low compatible with 3 V and 5 V CMOS outputs pin; it unlatches the output in
case of fault; If kept low, sets the outputs in auto-restart mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com