Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7040AY Datasheet(PDF) 19 Page - STMicroelectronics

Part # VNQ7040AY
Description  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AY Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VNQ7040AY_V01 Datasheet HTML 15Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 16Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 17Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 18Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 19Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 20Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 21Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 22Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
VNQ7040AY
Electrical specification
DocID027406 Rev 4
19/50
7 V < VCC < 18 V; -40 °C < Tj < 150 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tDSENSE2H
Current sense settling time
from rising edge of INPUT
VIN = 0 V to 5 V;
VSEn = 5 V;
RSENSE = 1
kΩ;
RL = 5.2
Ω
100
250
µs
ΔtDSENSE2H
Current sense settling time
from rising edge of IOUT
(dynamic response to a step
change of IOUT)
VIN = 5 V; VSEn = 5 V;
RSENSE = 1
kΩ;
RL = 5.2
Ω
100
µs
tDSENSE2L
Current sense turn-off delay
time from falling edge of
INPUT
VIN = 5 V to 0 V;
VSEn = 5 V;
RSENSE = 1
kΩ;
RL = 5.2
Ω
50
250
µs
Notes:
(1)Parameter specified by design; not subject to production test.
(2)All values refer to VCC = 13 V; Tj = 25 °C, unless otherwise specified.
Figure 8: Bulb Mode - IOUT/ISENSE versus IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com