Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCX-PCIE Datasheet(PDF) 5 Page - Elma Electronic Ltd

Part # SCX-PCIE
Description  Secondary CompactPCI® Serial Backplane System Slot Controller Bus Coupler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCX-PCIE Datasheet(HTML) 5 Page - Elma Electronic Ltd

  SCX-PCIE Datasheet HTML 1Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 2Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 3Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 4Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 5Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 6Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 7Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 8Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Product Information • SCX-PCIE • Secondary Backplane Controller
Feature Summary
Networking
<
Three individual networking interface controllers (NIC), based on PCI Express®
<
1000BASE-T, 100BASE-TX, 10BASE-T connections
<
Intel® I210-IT -40°C to +85°C operating temperature GbE controllers w. integrated PHY
<
IPv4/IPv6 checksum offload, 9.5KB Jumbo Frame support, EEE Energy Efficient Ethernet
<
IEEE 802.1Qav Audio-Video-Bridging (AVB) enhancements for time-sensitive streams (TSN)
<
IEEE 1588 and 802.1AS packets time stamping for high-precision time synchronization
<
All GbE ports wired via RJ45 front panel connectors
USB
<
Upper front panel receptacle wired to HSE1 mezzanine connector (CPU carrier card PCH)
<
Middle and lower connectors wired to PCI Express® dual port USB 3.0 controller TUSB7320
<
USB 3.1 Gen1 (formerly USB 3.0) xHCI (eXtensible host controller interface) SuperSpeed supported
<
USB 2.0 high-speed, full-speed, low-speed supported
<
3 x front panel Type-A USB 3.0 host connectors
<
V
BUS (+5V) 1.5A high current power switches assigned to front panel connectors
Mass Storage Solutions
<
M.2 (formerly known as NGFF) socket for an NVMe type SSD module up to 2280 size
<
PCI Express® Gen3 x4 interface (M-key socket)
<
Socket height 4.2H (double sided module allowed)
<
Capacity up to 2TB as of current
<
Suitable for operating system installation (boot device)
<
Alternate usage with an SATA type SSD B-M key
<
Autosensing analog switch for selection between PCIe® and SATA operation
<
On-Board 6G SATA controller 88SE9170
<
PCI Express® Mini Card socket, full-size or half-size modules
<
PCI Express® Mini Cards of all styles supported: USB 2.0 and PCIe® based, and mSATA
<
Autosensing analog switch for selection between PCIe® and SATA operation
<
On-Board 6G SATA controller 88SE9170
<
Suitable for wireless applications e.g. WLAN, Bluetooth or 2G/3G/LTE modem card
<
Micro SIM card holder associated (15mm x 12mm ETSI TS 102 221 V9.0.0, Mini-UICC)
<
Suitable for fieldbus modules e.g. CAN-FD, and industrial Ethernet modules (real time networking)
<
Custom specific F/P design for additional pigtail SMB antenna connectors (12HP front or wider)
<
Custom specific F/P design for non-radio applications e.g. CAN-FD (12HP or wider)
Applications
<
Local expansion (side card) for EKF CPU boards
<
System expansion with a secondary CompactPCI® Serial backplane (bus coupler)
<
Supports PCI Express® on up to eight peripheral slots (4x4 Gen3, 4x1 Gen2).
<
Multi GPU card systems
<
Autonomous driving test equipment
<
Rugged environment applications
© EKF
-5-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com