Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCX-PCIE Datasheet(PDF) 6 Page - Elma Electronic Ltd

Part # SCX-PCIE
Description  Secondary CompactPCI® Serial Backplane System Slot Controller Bus Coupler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCX-PCIE Datasheet(HTML) 6 Page - Elma Electronic Ltd

Back Button SCX-PCIE Datasheet HTML 2Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 3Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 4Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 5Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 6Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 7Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 8Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 9Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 10Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Product Information • SCX-PCIE • Secondary Backplane Controller
Feature Summary
Environmental, Regulatory
<
Designed & manufactured in Germany
<
ISO 9001 certified quality management
<
Custom specific development available on request
<
Long term availability
<
Rugged solution
<
Coating, sealing, underfilling on request
<
RoHS compliant
<
Operating temperature -40°C to +85°C (industrial temperature range)
<
Storage temperature -40°C to +85°C, max. gradient 5°C/min
<
Humidity 5% ... 95% RH non condensing
<
Altitude -300m ... +3000m
<
Shock 15g 0.33ms, 6g 6ms
<
Vibration 1g 5-2000Hz
<
EC Regulations EN55022, EN55024, EN60950-1 (UL60950-1/IEC60950-1)
<
MTBF 23.7 years
all items are subject to technical changes w/o further notice
Please note that the SCX-PCIE typically comes without M.2 or Mini Card modules populated, unless otherwise
expressly ordered. Photos shown within this document and at other places may be equipped with M.2 and/or Mini
Card modules just for application demonstration. If you need a turnkey solution e.g. with an M.2 NVMe storage
module populated, please contact sales@ekf.com before ordering.
© EKF
-6-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com