Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCX-PCIE Datasheet(PDF) 7 Page - Elma Electronic Ltd

Part # SCX-PCIE
Description  Secondary CompactPCI® Serial Backplane System Slot Controller Bus Coupler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCX-PCIE Datasheet(HTML) 7 Page - Elma Electronic Ltd

Back Button SCX-PCIE Datasheet HTML 3Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 4Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 5Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 6Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 7Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 8Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 9Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 10Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 11Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Product Information • SCX-PCIE • Secondary Backplane Controller
SCX-PCIE
EKF
•©
•ekf.com
HSE1
PCI Express
Mini Card
or
mSATA
Dual
GbE
P1
P2
P4
P5
2260
2280
2242
M
M.2
NVMe
PCIe x4
or
SATA
HSE2
SIM
USB 3.0
SCX-PCIE
Mezzanine Side Board
EKF
ekf.com
•
• ©
•
USB 3.0
USB 3.0
GbE
System Requirements
The SCX-PCIE is a mezzanine side card, to be
fixed on top of a suitable CPU carrier board.
The pitch between carrier PCB and mezzanine
PCB is 4HP, resulting in a 8HP common front
panel for the entire assembly. Two mezzanine
inter-board connectors are provided, for
distribution of PCI Express® signals and power
from the CPU carrier to the SCX-PCIE side
board.
The SCX-PCIE can be used together e.g. with
the SC4-CONCERTO or SC5-FESTIVAL CPU
card. The SCX-PCIE is a system slot board with
respect to a secondary CompactPCI® Serial
backplane (system slot left aligned). This
allows for a total of 16 peripheral slot cards,
which doubles the resources of a normal
CompactPCI® Serial system.
© EKF
-7-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com