Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678SPW Datasheet(PDF) 35 Page - Texas Instruments

Part # DAC7678SPW
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7678SPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC7678SPW Datasheet HTML 31Page - Texas Instruments DAC7678SPW Datasheet HTML 32Page - Texas Instruments DAC7678SPW Datasheet HTML 33Page - Texas Instruments DAC7678SPW Datasheet HTML 34Page - Texas Instruments DAC7678SPW Datasheet HTML 35Page - Texas Instruments DAC7678SPW Datasheet HTML 36Page - Texas Instruments DAC7678SPW Datasheet HTML 37Page - Texas Instruments DAC7678SPW Datasheet HTML 38Page - Texas Instruments DAC7678SPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
DAC7678
www.ti.com
SBAS493C – FEBRUARY 2010 – REVISED JANUARY 2014
POWER-ON RESET TO ZERO-SCALE OR
Alternatively, all DAC outputs can be updated
MID-SCALE
simultaneously using the built-in LDAC software
function. The LDAC register offers additional flexibility
The DAC7678 contains a power-on reset (POR)
and control, giving the ability to select which DAC
circuit that controls the output voltage during power-
channel(s) should be updated simultaneously when
on. For devices housed in the TSSOP package, at
the hardware LDAC pin is being brought low. The
power-on, all DAC registers are filled with zeros and
LDAC register is loaded with an 8-bit word (DB15 to
the output voltages of all DAC channels are set to
DB8) using control bits C3, C2, C1, and C0. The
zero-scale. For devices housed in the QFN package,
default value for each bit, and therefore each DAC
all DAC registers are set to have all DAC channels
channel, is zero and the external LDAC pin operates
power on depending of the state of the RSTSEL pin.
in normal mode. If the LDAC register bit for a
selected DAC channel is set to '1', that DAC channel
The RSTSEL pin value is read at power-on and
ignores the external LDAC pin and updates only
should be set prior to or simultaneously with AVDD.
through the software LDAC command. If, however,
For RSTSEL set to AVDD, the DAC channels are
the LDAC register bit is set to '0', the DAC channel is
loaded with midscale code. If RSTSEL is set to
controlled by the external LDAC pin.
ground, the DAC channels are loaded with zero-scale
code. All DAC channels remain in this state until a
This
combination
of
a
software
and
hardware
valid write sequence and load command are sent to
simultaneous update function is particularly useful in
the respective DAC channel. The power-on reset
applications where only selective DAC channels are
function is useful in applications where it is important
to be updated simultaneously, while keeping the other
to know the output state of each DAC while the
channels unaffected and updating those channels
device is in the process of powering on.
synchronously.
The internal reference is powered off/down by default,
and remains that way until a valid reference-change
POWER-DOWN MODES
command is executed.
The DAC7678 has two separate sets of power-down
commands. One set is for the DAC channels and the
LDAC FUNCTIONALITY
other set is for the internal reference. For more
information on powering down the reference see the
The DAC7678 offers both software and hardware
Enable/Disable Internal Reference section.
simultaneous updates and control functions. The
DAC double-buffered architecture is designed so that
DAC Power-Down Commands
new data can be entered for each DAC without
disturbing the analog outputs.
The DAC7678 uses four modes of operation. These
modes are accessed by using control bits C3, C2,
The DAC7678 data updates can be performed either
C1, and C0. The control bits must be set to '0100'.
in synchronous or asynchronous mode.
When the control bits are set correctly, the four
In synchronous mode, data are updated on the falling
different
power-down
modes
are
software
edge of the acknowledge signal that follows LSDB.
programmable by setting bits PD0 (DB13) and PD1
For synchronous mode updates, the LDAC pin is not
(DB14) in the control register. Table 19 shows how to
required
and
must
be
connected
to
GND
control the operating mode with data bits PD0 (DB13)
permanently.
and PD1 (DB14). The DAC7678 treats the power-
down condition as data; all the operational modes are
In asynchronous mode, the LDAC pin is used as a
still valid for power down. It is possible to broadcast a
negative-edge-triggered
timing
signal
for
power-down condition to all the DAC7678s in a
asynchronous DAC updates. Multiple single-channel
system. It is also possible to power-down a channel
updates can be performed in order to set different
and update data on other channels. Furthermore, it is
channel buffers to desired values and then make a
possible to write to the DAC register/buffer of the
falling edge on the LDAC pin. The data buffers of all
DAC channel that is powered down. When the DAC
the channels must be loaded with the desired data
channel is then powered on, it will contain this new
before an LDAC falling edge. After a high-to-low
value.
LDAC
transition,
all
DACs
are
simultaneously
updated with the last contents of the corresponding
data buffers. If the contents of a data buffer are not
changed by the serial interface, the corresponding
DAC output remains unchanged after the LDAC
trigger.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DAC7678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com