Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 41 Page - Texas Instruments

Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 37Page - Texas Instruments DAC8750IPWPR Datasheet HTML 38Page - Texas Instruments DAC8750IPWPR Datasheet HTML 39Page - Texas Instruments DAC8750IPWPR Datasheet HTML 40Page - Texas Instruments DAC8750IPWPR Datasheet HTML 41Page - Texas Instruments DAC8750IPWPR Datasheet HTML 42Page - Texas Instruments DAC8750IPWPR Datasheet HTML 43Page - Texas Instruments DAC8750IPWPR Datasheet HTML 44Page - Texas Instruments DAC8750IPWPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
11.1.1 Thermal Considerations
The DACx750 is designed for a maximum junction temperature of 150°C. In cases where the maximum AVDD is
driving maximum current into ground, this junction temperature can be exceeded. Use Equation 7 to determine
the maximum junction temperature that can be reached.
Power dissipation = (TJ max – TA) / θJA
(7)
where
• TJ max = 150°C
• TA is the ambient temperature
• θJA is the package-dependent, junction-to-ambient thermal resistance, found in Section 7.4.
The power dissipation is calculated by multiplying all the supply voltages with the currents supplied, which are
found in the Power Requirements subsection of Section 7.5.
Consider an example: IOUT is enabled, supplying 24 mA into GND with a 25°C ambient temperature, AVDD
of 24 V, and DVDD is generated internally. From the Section 7.5, the max value of AIDD = 3 mA when IOUT
is enabled and DAC code = 0x0000. Also, the max value of DIDD = 1 mA. Accordingly, the worst-case power
dissipation is 24 V × (24 mA + 3 mA + 1 mA) = 672 mW. Using the θJA value for the TSSOP package, we
get TJ max = 25°C + (32.3 × 0.672)°C = 46.7°C. At 85°C ambient temperature, the corresponding value of TJ
max is 106.7°C. Using this type of analysis, the system designer can both specify and design for the equipment
operating conditions. Note that for enhanced thermal performance, connect the thermal pad in both packages to
a copper plane.
11.2 Layout Example
Figure 11-1 shows an example layout for the DACx750 device based on a similar layout for the DACx760 from
TIPD153.
Analog
Supply
Decoupling
0
GND
AVDD
DVDD
External RSET
(Optional)
External
Boost Transistor
(Optional)
Q1
Digital I/O
CAP1 / CAP2
Capacitance
(Optional)
Analog Supply
Series Resistance
Digital
Supply
Decoupling
ALARM
Pull-up
Resistance
Reference
Capacitance
HART
Input
IOUT
R3-SENSE
Figure 11-1. Example Layout
www.ti.com
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com