Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSH43X104FCT Datasheet(PDF) 4 Page - Multicomp Pro

Part # MCSH43X104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH43X104FCT Datasheet(HTML) 4 Page - Multicomp Pro

  MCSH43X104FCT Datasheet HTML 1Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 2Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 3Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 4Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 5Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 6Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 7Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 8Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Page <4>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
No
Item
Test Condition
Requirements
2
Capacitance
Class I: NP0
Cap≤1,000pF1±0.2Vrms,1MHz±10%
Cap>1,000pF1±0.2Vrms,1KHz±10%
Class II: X7R, X5R, X6S,Y5V
Cap≤10μF,1±0.2Vrms,1kHz±10%**
Cap>10μF,0.5±0.2Vrms,120Hz±20%
** Test condition: 0.5±0.2Vrms,
1KHz±10%
X7R: 0603^225(10V),
0805=106(6.3V&10V)
X5R: 01R5^103, 0201^224 (6.3V,10V),
0402^475 (6.3V), 0402^225(10V),
0603=106 (6.3V,10V),
TT18X 475(^10V) , TT15X series
X6S:0201^224 (6.3V),0402^225
(6.3V),
NP0:Cap≥30pF,Q≥1000;Cap<30pF,Q≥400+20C
X7R,X5R,X6S:
Rated
vo
Dl..F.
%
ExceptionofD.F.%
^
100V
%
2.5%
%
3%
1206^0.47μF
%
5%
0805^0.1μF,0603^0.068μF
50V
2.5%
%
3%
0201(50V);0603^0.047μF;
0805^0.18μF;1206^0.47μF
%
5%
1210^4.7μF
%
10%
0402^0.1μF;0603^1μF;0805^1μF;
1206^2.2μF;1210^10μF;TTseries
35V
%
3.5%
%
10%
0603^1μF;0805≥2.2μF;1210^10μF
25V
%
3.5%
%
5%
0201^0.01μF;0805^1μF;1210^10μF
%
7%
0603^0.33μF;1206^4.7μF
%
10%
0402^0.1μF;0603^0.47μF;0805^2.2μF;
1206^6.8μF;1210^22μF;TTseries
%
12.5%
0402^1μF
16V
%
3.5%
%
5%
0201^0.01μF;0402^0.033μF;
0603^0.15μF;0805^0.68μF
1206^2.2μF;1210^4.7μF
%
10%
0201^0.1μF;0402^0.22uF;
0603^0.68μF;0805^2.2μF;1206^4.7μF;
1210^22μF;TTseries
10V
%
5%
%
10%
0201^0.012μF;0402^0.33μF;
0603^0.33μF;0805^2.2μF;1206^2.2μF;
1210^22μF;TTseries
%
15%
0201^0.1μF;0402^1μF
6.3V
%
10%
%
15%
0201^0.1μF;0402^1μF;0603^10μF;
0805^4.7μF;1206^47μF:1210^100μF;
TT series
%
20%
0402^2.2μF
4V
%
15%
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com