Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSH43X104FCT Datasheet(PDF) 11 Page - Multicomp Pro

Part # MCSH43X104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH43X104FCT Datasheet(HTML) 11 Page - Multicomp Pro

Back Button MCSH43X104FCT Datasheet HTML 7Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 8Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 9Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 10Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 11Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 12Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 13Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 14Page - Multicomp Pro MCSH43X104FCT Datasheet HTML 15Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Page <11>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
No
Item
Test Condition
Requirements
15
High
Temperature
Load
(Endurance)
Test temp.:
NP0, X7R/X7E: 125±3°C
X6S:105±3°C;X5R,Y5V:85±3°C
Test time: 1000+24/-0 hrs.
To apply voltage:
(1) %6.3V or C^10μF:150%ofrated
voltage.
(2) 10V%Ur<500V: 200% of rated voltage.
(3) 500V: 150% of rated voltage.
(4) Ur^630V: 120% of rated voltage.
(5) 100% of rated voltage for
below range.
Size
Dielectric
Rated
Capacitance
0201
X5R/X7R/
X6S
6.3V,
10V
C^0.1μF
0402
X5R/X7R/
X6S
6.3V,
10V
C^1μF
0603
X5R/X7R/
X6S
4V
C^22μF
6.3V,
10V
C^4.7μF
35V
C^1μF
0805
X5R/X7R/
X6S
4V
C^47μF
6.3V
C^22μF
1206
X5R/X7R/
6.3V
C^47μF
NP0
3000V
Cv1.5pF
TT18
Y5V
6.3V,10
C^2.2μF
TT21
Y5V
6.3V
C^10μF
TT31
Y5V
6.3V
C^22μF
(6)150% of rated voltage for below
range.
Size
Dielectric
Rated
voltage
Capacitance
range
0201
X5R/X7R/
X6S
16V
C^0.1μF
0402
X5R/X7R/
X6S
50V
C^0.1μF
10V~25V
C^0.22μF
Y5V
16V
C^0.47μF
0603
X5R/X7R/
X6S
10V,50V
C^1.0μF
Y5V
16V
C^2.2μF
0805
X5R/X7R/
X6S
10~50V
C^4.7μF
X7R
50V
C^2.2μF
100V
C^0.47μF
Y5V
16V
C^4.7μF
2220
X7R
100V
C^6.8μF
Noremarkabledamage.
Cap change:
NP0: ±3.0% or ±0.3pF whichever is larger
X7R,X5R,X6S:≥10V**,within±12.5%;^6.3V within
±25%;
TTseries&C≥1uF,within±25%
**10V: 0603^4.7μF;0402^1μF;0201^0.1μF,within±25%;
Y5V:≥10V,within±30%;%6.3V, within +30/-40%
Q/D.F.value:
NP0:Morethan30pF,Q≥350
10pF≤C<30pF,Q≥275+2.5C
Lessthan10pF,Q≥200+10C
X7R, X5R, X6S:
Rated
D.F.%
ExceptionofD.F.%
^
100V
%
3%
%
6%
1206^0.47µF
%
7.5%
0805^0.1µF, 0603^0.068µF
^
50V
%
3%
%
6%
0201(50V);0603^0.047µF;0805^0.18µF;
1206^0.47µF
%
10%
1210^4.7µF
%
20%
0402^0.1µF;0603^1µF;0805^1µF;
1206^2.2µF;1210^10µF;TTseries
35V
%
5%
%
20%
0603^1µF;0805≥2.2µF;1210^10µF
25V
%
5%
%
10%
0201^0.01µF;0805^1µF;1210^10µF
%
14%
0603^0.33µF;1206^4.7µF
%
15%
0402^0.10µF;0603^0.47µF;0805^2.2µF;
1206^6.8µF;1210^22µF;TTseries
%
20%
0402^1µF
16V
%
5%
%
10%
0603^0.15µF;0805^0.68µF;1206^2.2µF;
1210^4.7µF
%
15%
0201^0.01µF;0402^0.033µF;0603^0.68µ
F;0805^2.2µF;1206^4.7µF;1210^22µF;
TT series
10V
%
7.5%
%
15%
0201^0.012µF;0402^0.33µF;
0603^0.33µF;0805^2.2µF;1206^2.2µF;
1210^22µF
%
20%
0201^0.1µF;0402^1µF;
TT series
6.3V
%
15%
%
30%
0201^0.1µF;0402^1µF;0603^10µF;
0805^4.7µF;1206^47µF;1210^100µF;
TT series
4V
%
20%
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com