Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9800 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 34Page - STMicroelectronics L9800 Datasheet HTML 35Page - STMicroelectronics L9800 Datasheet HTML 36Page - STMicroelectronics L9800 Datasheet HTML 37Page - STMicroelectronics L9800 Datasheet HTML 38Page - STMicroelectronics L9800 Datasheet HTML 39Page - STMicroelectronics L9800 Datasheet HTML 40Page - STMicroelectronics L9800 Datasheet HTML 41Page - STMicroelectronics L9800 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
10
Limp-home mode
The limp is intended to handle limited functionality of the device in critical faulty situations.
A typical application scenario is reported in the Figure 28, with a system, which is reconfigured during the limp-
home as shown in the Figure 29. If the microcontroller that controls the device fails, an external safety
microcontroller takes over controlling parallel inputs IN0 and IN1. The SBC forces the IDLE signal low, which
brings the device in limp home. Once the switching activity on IN0, IN1 is over, being the IDLE pin still de-
asserted, the device reaches sleep mode.
During this mode active, the L9800 is only capable of driving two outputs that is, OUT2 through IN0 and OUT3
through IN1; such a mapping is fixed and overcomes an eventual different mapping programmed via SPI once the
limp-home is reached.
Figure 28. Possible system configuration during normal operating conditions
OUT1D
OUT2D
OUT3D
OUT4D
OUT5D
OUT6D
OUT7D
OUT0D
OUT07S
OUT56S
OUT34S
OUT12S
L9800
Limp-home mode
DS14041 - Rev 2
page 38/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com