Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9800 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 36Page - STMicroelectronics L9800 Datasheet HTML 37Page - STMicroelectronics L9800 Datasheet HTML 38Page - STMicroelectronics L9800 Datasheet HTML 39Page - STMicroelectronics L9800 Datasheet HTML 40Page - STMicroelectronics L9800 Datasheet HTML 41Page - STMicroelectronics L9800 Datasheet HTML 42Page - STMicroelectronics L9800 Datasheet HTML 43Page - STMicroelectronics L9800 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
11
Serial peripheral interface (SPI)
The SPI (serial peripheral interface) is a full duplex serial out of frame slave interface made of four lines SO, SI,
CLK and NCS. MOSI and MISO are the lines through which the data is transferred. Considering the out-of-frame
protocol implemented, it is important to ignore the first MISO received at the start of communication because it is
meaningless. The falling edge of NCS defines the start of the SPI frames. The L9800 samples the MOSI line (SI)
at the rising edge of CLK while the output data is shifted out on line MISO (SO) at the falling edge of CLK
(CPOL=’0’, CPHA = ‘0’). End of SPI access is defined by a rising edge of NCS.
The L9800 implements feature to guarantee that SPI frame is considered valid when at least 16 bits have been
transferred: in case of transaction with less than 16 bits is received, the frame will be discarded and ERR bit is
asserted in the next SPI frame. An SPI access with frame longer than 16 bits will not be discarded to allow daisy
chain operation.
Figure 30. SPI
11.1
SPI signal description
•
NCS-chip select
The system microcontroller selects the device by means of the NCS pin. Whenever the pin is in “low” state,
data transfer can take place. When NCS is in "high" state, any signals at the CLK and MOSI pins are
ignored and MISO is forced into a high-Z state.
•
NCS “high” to “low” transition
The requested information is transferred into the shift register.
If the device is in sleep mode, the MISO pin remains in high-Z state and no SPI transmission occurs.
•
NCS “low” to "high" transition
Data from the shift register is transferred into the addressed register.
•
CLK-serial clock
This input pin clocks the internal shift register. The serial input (SI) transfers data into the shift register on
the rising edge of CLK while the serial output (SO) shifts diagnostic information out on the falling edge of
the serial clock. It is essential that the CLK pin is in “low” state whenever chip select NCS makes any
transition, otherwise the command is not accepted.
•
SI-serial input
Serial input data bits are shift-in at this pin, the most significant bit first. MOSI information is read on the
rising edge of SCLK. The input data consists of two parts, control bits and data bits.
•
SO-serial output
Data is shifted out serially at this pin, the most significant bit first. MISO is in high-Z state until the NCS pin
goes to “low” state. New data appears at the MISO pin following the falling edge of SCLK.
11.2
Daisy chain capability
L9800 implements SPI with daisy chain capability where a single master can address multiple slaves by driving a
single NCS and MOSI lines, getting back data from a single MISO line as reported in the Figure 31, in order to
build a chain. The end of the chain is connected to the output and input of the master device, MO, and MI
respectively. The master device provides the master clock MCLK, which is connected to the CLK line of each
device in the chain.
L9800
Serial peripheral interface (SPI)
DS14041 - Rev 2
page 40/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com