Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9800 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 40Page - STMicroelectronics L9800 Datasheet HTML 41Page - STMicroelectronics L9800 Datasheet HTML 42Page - STMicroelectronics L9800 Datasheet HTML 43Page - STMicroelectronics L9800 Datasheet HTML 44Page - STMicroelectronics L9800 Datasheet HTML 45Page - STMicroelectronics L9800 Datasheet HTML 46Page - STMicroelectronics L9800 Datasheet HTML 47Page - STMicroelectronics L9800 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Table 18. Register addressing space
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
source
Description
CHIP_ID, 0x00
CHIP_ID
RO
0
8
00100010
X
8-bit chip identifier
CFG_0, 0x01
NU
RO
6
2
0x00
X
Not used
NRES_N_EN
RW
5
1
NPOR, CFG_1.RST,
VDD_UV
0 (default): NRES pin masked
1: NRES pin NOT masked (not cleared after an NRES
reset)
ACTIVE TO
SLEEP DIS SWR
RW
4
1
0x00
NPOR, NRES pin,
CFG_1.RST, VDD_UV
0 (default): SW reset required for transition ACTIVE to
SLEEP
1: SW reset NOT required for transition ACTIVE to
SLEEP
RESERVED
RW
3
1
0x00
NPOR, NRES pin,
CFG_1.RST, VDD_UV
Reserved
VS_UV_MASK
RW
2
1
0x00
NPOR, NRES pin,
CFG_1.RST, VDD_UV
0 (default): VBATT UV not masked
1: VBATT UV masked but STA_1 diag bit still working
DIS_EN
RW
1
1
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
0: (default) DIS pin masked
1: DIS pin not masked
NRES_EN
RW
0
1
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
0 (default): NRES pin masked
1: NRES pin not masked
CFG_1, 0x02
RST
WO
7
1
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Reset:
0: (default) normal operation
1: Execute reset command (self-clearing)
ACT
RW
6
1
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Active mode:
0: (default) normal operation or device leaves active mode
1: device enters active mode
NU
RO
2
4
0x00
X
PWM_DIV_LED
RW
0
2
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Clock division factor for PWM LED generator PWM
frequency:
00 (default): PWM_FRQ = 122 Hz
01: PWM_FRQ = 244 Hz
10: PWM_FRQ = 488 Hz
11: PWM_FRQ = 976 Hz
CFG_2, 0x03
NU
RO
6
2
0x00
X
RESERVED
RW
4
2
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
Reserved
FR_ADJ
RW
2
2
0x00
NPOR, NRES pin,
CFG_1.RST bit, VDD_UV
PWM generator and LED frequency adjustment bit (15%
of selected frequency):
00: no frequency adjustment
01: -15% on selected frequency
10: +15% on selected frequency
11: no frequency adjustment
L9800
Serial peripheral interface (SPI)
DS14041 - Rev 2
page 44/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com