Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA326 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 56Page - STMicroelectronics STA326 Datasheet HTML 57Page - STMicroelectronics STA326 Datasheet HTML 58Page - STMicroelectronics STA326 Datasheet HTML 59Page - STMicroelectronics STA326 Datasheet HTML 60Page - STMicroelectronics STA326 Datasheet HTML 61Page - STMicroelectronics STA326 Datasheet HTML 62Page - STMicroelectronics STA326 Datasheet HTML 63Page - STMicroelectronics STA326 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
DocID11531 Rev 9
63/64
STA326
Revision history
64
11
Revision history
Table 68. Document revision history
Date
Revision
Changes
Jul-2005
1
Initial release
May-2006
2
Changed from preliminary data to maturity.
03-Nov-2010
3
Datasheet remade
Updated Features on cover page
Updated Chapter 1: Description on page 8
Updated Chapter 2: Pin out on page 10
Updated Chapter 3: Electrical specifications on page 13
Added Chapter 5: Characterization curves on page 17
Updated Table 9: Register summary on page 22 with bit names used in register
description
Updated reset values in register bit map tables in Chapter 7: Register description on
page 22
Updated Chapter 9: Applications on page 57
Updated Chapter 10: Package mechanical data on page 60
27-Apr-2011
4
Added CONFIG pin description to Section 2.3: Pin description on page 12
Added Section 4: Power supply and control sequencing on page 16
19-Jan-2012
5
Updated Section 6.2: Device addressing
04-Feb-2013
6
Updated pin names in Figure 5 and Table 2
Updated pin name to VDD_REG in CONFIG (pin 21) on page 12
Updated Figure 21: Application circuit for 2.0-channel (2 BTL) configuration
Added Figure 22: Application circuit for 2.1-channel (2 single-ended + 1 BTL)
configuration
Added Figure 23: Application circuit for mono-channel configuration
13-Feb-2014
7
Updated order code Table 1 on page 1
18-Jun-2015
8
Modified value of R5 to 3K9 in Figure 21: Application circuit for 2.0-channel (2 BTL)
configuration and Figure 23: Application circuit for mono-channel configuration
25-Jan-2016
9
Updated registers 0x29, 0x2A, and 0x2D in Table 9: Register summary
Updated Section 4: Power supply and control sequencing
Added sample rates to text in Configuration register A (addr 0x00)
Updated bit D7 in Configuration register C (addr 0x02)
Updated text concerning DSPB bit in Configuration register D (addr 0x03)
Updated bit D4 in Master mute register (addr 0x06)
Updated bit D6 in Channel 2 configuration (addr 0x0F)
Updated bit D7 in Channel 3 configuration (addr 0x10)
Updated Section 8.2: Prescale
Corrected name of bits in Coefficient a1 data register bits 23:16 (addr 0x1D)
Added Section 8.13: Status (addr 0x2D)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com